Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM0900 Datasheet(PDF) 21 Page - STMicroelectronics

Part # UM0900
Description  1 kW 3-phase motor control demonstration board featuring
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0900 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button UM0900 Datasheet HTML 17Page - STMicroelectronics UM0900 Datasheet HTML 18Page - STMicroelectronics UM0900 Datasheet HTML 19Page - STMicroelectronics UM0900 Datasheet HTML 20Page - STMicroelectronics UM0900 Datasheet HTML 21Page - STMicroelectronics UM0900 Datasheet HTML 22Page - STMicroelectronics UM0900 Datasheet HTML 23Page - STMicroelectronics UM0900 Datasheet HTML 24Page - STMicroelectronics UM0900 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 43 page
background image
UM0900
Board description
Doc ID 17028 Rev 1
21/43
Figure 11.
Six-step current sensing configuration
3.3.7
The tachometer and hall/encoder inputs
Both the tachometer and hall/encoder inputs have been implemented on the board. In the
case of using a hall or encoder sensor, the W2 jumper must be connected and the W5
jumper disconnected. The W12 jumper set in position A allows to supply any connected hall
sensor with the same supply voltage of MCU (+3.3 VDC or +5 VDC depend on the W1
jumper). Setting the W12 jumper to position B supplies the hall sensor directly with +5 VDC,
which is the most common voltage for a hall sensor. As a voltage level shifter between +5
VDC hall sensor and +3.3 VDC, control logic uses features built around the U9 Hex Schmitt
inverter. In the case of using a tachometer, the W2 jumper must be disconnected and the
W5 jumper connected.
This type of adjustable feature allows for the testing and evaluating of motors with a wide
spectrum of various sensors.
Table 1.
Current reading configuration - gain settings
Jumper
Gain configuration
Six-step current sensing
Three-shunt
W11
Not present
Present
W6
B position
A position



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com