Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM0900 Datasheet(PDF) 33 Page - STMicroelectronics

Part # UM0900
Description  1 kW 3-phase motor control demonstration board featuring
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0900 Datasheet(HTML) 33 Page - STMicroelectronics

Back Button UM0900 Datasheet HTML 29Page - STMicroelectronics UM0900 Datasheet HTML 30Page - STMicroelectronics UM0900 Datasheet HTML 31Page - STMicroelectronics UM0900 Datasheet HTML 32Page - STMicroelectronics UM0900 Datasheet HTML 33Page - STMicroelectronics UM0900 Datasheet HTML 34Page - STMicroelectronics UM0900 Datasheet HTML 35Page - STMicroelectronics UM0900 Datasheet HTML 36Page - STMicroelectronics UM0900 Datasheet HTML 37Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 43 page
background image
UM0900
Bill of materials
Doc ID 17028 Rev 1
33/43
J6
Con. 5 mm, 2P
Connector RM 5 mm, 2-pole, screw
ARK
J3
BL815G
12-pin connector RM 2.54 mm
W1
Jumper 2.54
Three pins of pin header + jumper in
position A
W2
Jumper 2.54
Two pins of pin header + jumper
W3
Jumper 2.54
Three pins of pin header + jumper in
position A
W4
Jumper 2.54
Two pins of pin header
W5
Jumper 2.54
Two pins of pin header
W6
Jumper 2.54
Three pins of pin header + jumper in
position A
W7
Wire jumper
Not assembled
W8
Wire jumper
Not assembled
W9
Wire jumper
Wire
W10
Wire jumper
Wire
W11
Jumper 2.54
Two pins of pin header + jumper
W12
Jumper 2.55
Three pins of pin header + jumper in
position A
Het 1
Heatsink
120 mm of AL profile 8284
PADA Engineering
Table 7.
Bill of materials (continued)
Reference
Value / generic
part number
Package / class
Manufacturer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com