Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM0900 Datasheet(PDF) 28 Page - STMicroelectronics

Part # UM0900
Description  1 kW 3-phase motor control demonstration board featuring
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0900 Datasheet(HTML) 28 Page - STMicroelectronics

Back Button UM0900 Datasheet HTML 24Page - STMicroelectronics UM0900 Datasheet HTML 25Page - STMicroelectronics UM0900 Datasheet HTML 26Page - STMicroelectronics UM0900 Datasheet HTML 27Page - STMicroelectronics UM0900 Datasheet HTML 28Page - STMicroelectronics UM0900 Datasheet HTML 29Page - STMicroelectronics UM0900 Datasheet HTML 30Page - STMicroelectronics UM0900 Datasheet HTML 31Page - STMicroelectronics UM0900 Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 43 page
background image
Description of jumpers, test pins and connectors
UM0900
28/43
Doc ID 17028 Rev 1
Table 6.
Testing pins description
Number
Description
TP1
Sensed tachometer/encoder/hall signal A
TP2
Output phase A
TP3
Output phase B
TP4
Sensed encoder/hall signal B
TP5
Output phase C
TP6
Sensed encoder/hall signal Z
TP7
PWM - phase A - low-side
TP8
Voltage on bus divider - bus voltage information
TP9
PWM - phase A - high-side
TP10
Brake status - brake active in low state
TP11
PWM - phase B - low-side
TP12
3.3 VDC
TP13
PWM - phase B - high-side
TP14
15 VDC
TP15
PWM - phase C - low-side
TP16
Reference voltage 2.5 V for overtemperature protection
TP17
PWM - phase C - high-side
TP18
GND
TP19
Current in phase A
TP20
Current in phase B
TP21
Current in phase C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com