Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM0900 Datasheet(PDF) 40 Page - STMicroelectronics

Part # UM0900
Description  1 kW 3-phase motor control demonstration board featuring
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0900 Datasheet(HTML) 40 Page - STMicroelectronics

Back Button UM0900 Datasheet HTML 35Page - STMicroelectronics UM0900 Datasheet HTML 36Page - STMicroelectronics UM0900 Datasheet HTML 37Page - STMicroelectronics UM0900 Datasheet HTML 38Page - STMicroelectronics UM0900 Datasheet HTML 39Page - STMicroelectronics UM0900 Datasheet HTML 40Page - STMicroelectronics UM0900 Datasheet HTML 41Page - STMicroelectronics UM0900 Datasheet HTML 42Page - STMicroelectronics UM0900 Datasheet HTML 43Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 40 / 43 page
background image
Using the STEVAL-IHM025V1 with STM32 FOC firmware library
UM0900
40/43
Doc ID 17028 Rev 1
To achieve this task, perform the following steps:
1.
In 'stm32f10x_svpwm_3shunt.c' substitute line 177 with:
TIM1_OCInitStructure.TIM_OCNPolarity = TIM_OCNPolarity_Low;
2.
In 'stm32f10x_svpwm_1shunt.c' substitute line 311 with:
TIM1_OCInitStructure.TIM_OCNPolarity = TIM_OCNPolarity_Low;
3.
In 'stm32f10x_svpwm_3shunt.c' substitute line 88 with:
#define LOW_SIDE_POLARITY TIM_OCIdleState_Set
4.
In 'stm32f10x_svpwm_1shunt.c' substitute line 66 with:
#define LOW_SIDE_POLARITY TIM_OCIdleState_Set
5.
In 'MC_MotorControl_Layer.c', substitute line 49 with:
#define NTC_THRESHOLD
25000
Note:
This sets the overtemperature protection to about 85 °C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com