Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM0900 Datasheet(PDF) 32 Page - STMicroelectronics

Part # UM0900
Description  1 kW 3-phase motor control demonstration board featuring
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0900 Datasheet(HTML) 32 Page - STMicroelectronics

Back Button UM0900 Datasheet HTML 28Page - STMicroelectronics UM0900 Datasheet HTML 29Page - STMicroelectronics UM0900 Datasheet HTML 30Page - STMicroelectronics UM0900 Datasheet HTML 31Page - STMicroelectronics UM0900 Datasheet HTML 32Page - STMicroelectronics UM0900 Datasheet HTML 33Page - STMicroelectronics UM0900 Datasheet HTML 34Page - STMicroelectronics UM0900 Datasheet HTML 35Page - STMicroelectronics UM0900 Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 43 page
background image
Bill of materials
UM0900
32/43
Doc ID 17028 Rev 1
L2
2.2 mH
SMD choke, 0.25 A
Würth Elektronik
74456322
D1
KBU6K
Diode bridge, 250 VAC, 8 A
Vishay
D3
1N4148
Universal diode, SMD, DO-80
D2,D11,D12,D13,D14,D15,D
16,D17,D18
BAT48JFILM
Diode, SMD, SOD-323
STMicroelectronics
D10
BZX84B13V
Zener diode, SOT23, 13 V
NXP
D9
LED green
Universal LED 3 mm, 2 mA
Agilent Technologies
D6
LED yellow
Universal LED 3 mm, 2 mA
Agilent Technologies
D4,D7
STTH1L06A
HV diode, SMA
STMicroelectronics
D5
LED red
Universal LED 3 mm, 2 mA
Agilent
D8
BZV55C18SMD
Zener diode, SOD80, 18 V
Vishay
Q1,Q4,Q5,Q6,Q7,Q8,Q9,Q1
0,Q11,Q12
BC847A
NPN transistor, SOT23
FAIRCHILD
Q3
STGP10NC60KD
N-channel IGBT, TO220
STMicroelectronics
Q2
BC857B
PNP transistor, SOT23
FAIRCHILD
F1
Holder
Fuse holder 5 x 20 mm, KS21 SW
SCHURTER
F1
6.25 A
Fuse 6.25 A slow, FST06.3, 5 x 20 mm
LS1
FINDER 4031-12
Relay 12 VDC
Finder
U1
LF33ABDT-TR
Linear regulator 3.3 V
STMicroelectronics
U2
VIPer16LD
Smart PWM driver, SO-16
STMicroelectronics
U4,U6
TS391ILT
Voltage comparator, SOT23-5
STMicroelectronics
U5
STGIPL14K60
IPM with IGBT; SDIP 38L
STMicroelectronics
U3,U7
TS3431BILT
Voltage reference, SOT 23
STMicroelectronics
U8
L78M05ABDT-TR
Voltage regulator, DPAK
STMicroelectronics
U9
M74HC14RM13TR Logic IO, SO-14
STMicroelectronics
TP2,TP3,TP5
PCB terminal 1 mm Not assembled
TP1,TP4,TP6-TP21
PCB terminal 1 mm Test pin
J1
Connector 4P
Connector RM 5 mm, 4-pole male and
female
J2
Connector 3P
Connector RM5 mm, 3-pole male and
female
J7
Con. 5 mm, 2P
Connector RM 5 mm, 2-pole, screw
ARK
J5
Con. 5 mm, 2P +
3P
Connector RM 5 mm, 2-pole and 3-pole,
screw
ARK
J4
MLW34G
MLW connector 34 pins
ARK
Table 7.
Bill of materials (continued)
Reference
Value / generic
part number
Package / class
Manufacturer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com