Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM0900 Datasheet(PDF) 39 Page - STMicroelectronics

Part # UM0900
Description  1 kW 3-phase motor control demonstration board featuring
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0900 Datasheet(HTML) 39 Page - STMicroelectronics

Back Button UM0900 Datasheet HTML 35Page - STMicroelectronics UM0900 Datasheet HTML 36Page - STMicroelectronics UM0900 Datasheet HTML 37Page - STMicroelectronics UM0900 Datasheet HTML 38Page - STMicroelectronics UM0900 Datasheet HTML 39Page - STMicroelectronics UM0900 Datasheet HTML 40Page - STMicroelectronics UM0900 Datasheet HTML 41Page - STMicroelectronics UM0900 Datasheet HTML 42Page - STMicroelectronics UM0900 Datasheet HTML 43Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 39 / 43 page
background image
UM0900
Using the STEVAL-IHM025V1 with STM32 FOC firmware library
Doc ID 17028 Rev 1
39/43
An isolated AC power supply can be constructed using an isolation transformer and
a variable transformer. A schematic of this AC power supply can be found in the “AN438,
TRIAC + Microcontroller: safety precautions for development tools,” application note.
(Although this Application Note was written for TRIAC, the isolation constraints still apply for
switching semiconductor devices such as IGBT or MOSFET).
Note:
Isolating the application rather than the oscilloscope is highly recommended in any case.
10.2
Hardware requirements
To run the STEVAL-IHM025V1 together with the STM32 FOC firmware library, the following
items are required:
●
The board: STEVAL-IHM025V1
●
High voltage insulated AC power supply up to 230 VAC
●
J-link programmer (not included in the package)
●
J-link insulating board (not included in the package)
●
3-phase brushless motor with permanent magnet rotor or a generic 3-phase induction
motor (not included in the package)
●
Insulated oscilloscope (as needed)
●
Insulated multimeter (as needed).
10.3
Software requirements
To customize, compile, and download the STM32 FOC firmware library v2.0 motor control
firmware, the IAR tool “EWARM v5.30” must be installed. The free 32 kB limited version
(referenced as “IAR KickStart Kit™” version) is available for download at:
http://supp.iar.com/Download/SW/?item=EWARM-KS32
10.4
Software modifications
Apart from the parameters header file which can be edited by using the 'FOCGUI
application' downloadable from:
http://www.st.com/mcu/modules.php?name=mcu&file=familiesdocs&fam=110&doc=59
the STM32 FOC firmware library v2.0 was designed in order to be compatible with the
L6386 drivers. In order to make the firmware compatible with IPM STGIPL14K60, the
polarity of the PWM driving the low-side transistors must be changed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com