Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM0900 Datasheet(PDF) 31 Page - STMicroelectronics

Part # UM0900
Description  1 kW 3-phase motor control demonstration board featuring
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0900 Datasheet(HTML) 31 Page - STMicroelectronics

Back Button UM0900 Datasheet HTML 27Page - STMicroelectronics UM0900 Datasheet HTML 28Page - STMicroelectronics UM0900 Datasheet HTML 29Page - STMicroelectronics UM0900 Datasheet HTML 30Page - STMicroelectronics UM0900 Datasheet HTML 31Page - STMicroelectronics UM0900 Datasheet HTML 32Page - STMicroelectronics UM0900 Datasheet HTML 33Page - STMicroelectronics UM0900 Datasheet HTML 34Page - STMicroelectronics UM0900 Datasheet HTML 35Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 43 page
background image
UM0900
Bill of materials
Doc ID 17028 Rev 1
31/43
R11
13 k
Ω
Resistor, SMD 0805, 1%
Vishay
C12
N.C.
R9
160
Ω
Resistor, SMD 1206
Vishay
R17,R18,R19
4.7 k
Ω
Resistor, SMD 0805
Vishay
R27
910
Ω
Resistor, SMD 0805, 1%
Vishay
R29,R41
220
Ω
Resistor, SMD 0805
Vishay
R23,R45
6.8 k
Ω
Resistor, SMD 0805, 1%
Vishay
R14,R25,R47,R48,R49,R81,
R83,R85
N.C.
R2,R4,R32,R33
470 k
Ω
Resistor, SMD 1206, 1%
Vishay
R13,R21,R26,R30,R37,R44,
R87
10 k
Ω
Resistor, SMD 0805, 1%
Vishay
R34
560
Ω
Resistor, SMD 0805, 1%
Vishay
R15,R16,R20,R24
5.6 k
Ω
Resistor, SMD 0805, 1%
Vishay
R61,R64,R72,R74,R77,R78,
R90,R92,R94
1 k
Ω
Resistor, SMD 0805, 1%
Vishay
R38,R70,R86,R88,R96,R100 2.2 k
Ω
Resistor, SMD 0805, 1%
Vishay
R40
100
Ω
Resistor, SMD 0805
Vishay
R35,R42
27 k
Ω
Resistor, SMD 0805, 1%
Vishay
R5,R10
120
Ω
Resistor, SMD 0805, 1%
Vishay
R57,R59,R67,R68,R75,R79,
R91,R93,R95
3.3 k
Ω
Resistor, SMD 0805, 1%
Vishay
R62,R65,R66
820
Ω
Resistor, SMD 0805, 1%
Vishay
R80,R82,R84
0.15
Ω
Resistor, SMD 2512, 1%, 2 W
Vishay
R12,R28,R36,R50,R51,R52,
R53,R54,R55,R58,R60,R63,
R69,R97,R98,R99
1 k
Ω
Resistor, SMD 0805, 1%
Vishay
R89
680
Ω
Resistor, SMD 0805, 1%
Vishay
R7,R43
8.2 k
Ω
Resistor, SMD 0805, 1%
Vishay
R8
51 k
Ω
Resistor, SMD 0805, 1%
Vishay
R73
33
Ω
Resistor, SMD 0805, 1%
Vishay
R39
220 k
Ω
Resistor, SMD 0805, 1%
Vishay
R101,R102,
R103,R104,R105,R106
4.7 k
Ω
Resistor, SMD 0805
Vishay
L1
47 µH
SMD choke, 0.5 A
Würth Elektronik
74455147
Table 7.
Bill of materials (continued)
Reference
Value / generic
part number
Package / class
Manufacturer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com