Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM0900 Datasheet(PDF) 19 Page - STMicroelectronics

Part # UM0900
Description  1 kW 3-phase motor control demonstration board featuring
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0900 Datasheet(HTML) 19 Page - STMicroelectronics

Back Button UM0900 Datasheet HTML 15Page - STMicroelectronics UM0900 Datasheet HTML 16Page - STMicroelectronics UM0900 Datasheet HTML 17Page - STMicroelectronics UM0900 Datasheet HTML 18Page - STMicroelectronics UM0900 Datasheet HTML 19Page - STMicroelectronics UM0900 Datasheet HTML 20Page - STMicroelectronics UM0900 Datasheet HTML 21Page - STMicroelectronics UM0900 Datasheet HTML 22Page - STMicroelectronics UM0900 Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 43 page
background image
UM0900
Board description
Doc ID 17028 Rev 1
19/43
Figure 10.
Three-shunt configuration
Six-step (block commutation) current reading configuration
In the case of six-step (also called block commutation) current control, only two of the motor
phases conduct current at the same time. Therefore, it is possible to use only one shunt
resistor placed on the DC link to measure the motor phase current. Moreover, as the current
is always flowing in the same direction on the shunt resistor, only positive current must be
measured and in this case the amplifying network needs to be properly designed. The
details of single-shunt current sensing reading configuration are shown in Figure 11. In this
configuration, the current sampling is done only when the value on the shunt resistor is
positive. Only the positive value read on the shunt resistor allows the setting of a higher gain
for the op-amp than the one set in three-shunt reading mode.
The op-amp is used in follower mode with gain of the op-amp set by resistor r and R:
Equation 5
G
Rr
+
r
------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com