Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM0900 Datasheet(PDF) 24 Page - STMicroelectronics

Part # UM0900
Description  1 kW 3-phase motor control demonstration board featuring
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0900 Datasheet(HTML) 24 Page - STMicroelectronics

Back Button UM0900 Datasheet HTML 20Page - STMicroelectronics UM0900 Datasheet HTML 21Page - STMicroelectronics UM0900 Datasheet HTML 22Page - STMicroelectronics UM0900 Datasheet HTML 23Page - STMicroelectronics UM0900 Datasheet HTML 24Page - STMicroelectronics UM0900 Datasheet HTML 25Page - STMicroelectronics UM0900 Datasheet HTML 26Page - STMicroelectronics UM0900 Datasheet HTML 27Page - STMicroelectronics UM0900 Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 43 page
background image
Hardware setting of the STEVAL-IHM025V1
UM0900
24/43
Doc ID 17028 Rev 1
4.2
Hardware settings with three-shunt configuration
To drive any motor, the user must ensure that:
●
The motor control demonstration board is driven by a control board that provides the
six output signals required to drive the 3-phase power stage
●
The motor is connected to the J2 motor output connector
●
If using an encoder or hall sensor connection, it is connected to connector J5
●
If using a tachometer connection, it is connected to connector J7
●
If using a dissipative hardware brake connection to a related dummy load, it is
connected to the J6 connector.
Table 3 below shows the jumper settings for any motors. Please confirm that the
demonstration board input voltage (mains voltage) is in the range of 125 VDC to 400 VDC or
90 VAC to 285 VAC.
Table 3.
Jumper settings for PMSM or generic AC motor - three shunt
Jumper
Settings with three-shunt configuration
HV PMSM motor
Generic AC motor with tachometer
W1
A position for 3.3 V supplied MCU
A position for 3.3 V supplied MCU
W2
Present
Not present
W3
Software brake / OCP disabled
Software brake / OCP disabled
W4
Present in case of need VDD for MCU
Present in case of need VDD for MCU
W5
Not present
Present
W6
A position
A position
W7
Not present
Not present
W8
Not present
Not present
W9
Present
Present
W10
Present
Present
W11
Present
Present
W12
Depends on hall supply voltage
Depends on hall supply voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com