Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM0900 Datasheet(PDF) 17 Page - STMicroelectronics

Part # UM0900
Description  1 kW 3-phase motor control demonstration board featuring
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0900 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button UM0900 Datasheet HTML 13Page - STMicroelectronics UM0900 Datasheet HTML 14Page - STMicroelectronics UM0900 Datasheet HTML 15Page - STMicroelectronics UM0900 Datasheet HTML 16Page - STMicroelectronics UM0900 Datasheet HTML 17Page - STMicroelectronics UM0900 Datasheet HTML 18Page - STMicroelectronics UM0900 Datasheet HTML 19Page - STMicroelectronics UM0900 Datasheet HTML 20Page - STMicroelectronics UM0900 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 43 page
background image
UM0900
Board description
Doc ID 17028 Rev 1
17/43
Figure 9.
Overcurrent protection
Overcurrent protection can be disabled if the W3 jumper is set to the B position. This may be
necessary and is often useful when the user decides to make the brake operate by turning
on the three low-side switches. In fact, if the motor acts as a generator, it is necessary to
protect the hardware, preventing the bus voltage from exceeding a safety threshold. In
addition to dissipating the motor energy on a brake resistor, it is possible to short the motor
phases, preventing the motor current from flowing through the bulk capacitors.
The current into the motor phases is normally limited by the motor phase impedance but
during the short-circuit transient, a high current can flow through the switches for a few ms.
In order to avoid false triggering it may be necessary to deactivate the OCP with this jumper
configuration.
3.3.6
Current sensing amplifying network
Three-shunt current reading configuration
Details of the three-shunt current-sensing reading configuration are shown in Figure 10. In
this configuration, the alternating signal on the shunt resistor, with positive and negative
values, must be converted to be compatible with the single positive input of the
microcontroller A-D converter used to read the current value.
The op-amp is used in follower mode: its gain is set by resistor r and R:
Equation 2
It is possible to calculate the voltage on the output of the op-amp OP OUT - VOUT as a sum
of a bias VBIAS and a signal VSIGN component equal to:
G
Rr
+
r
------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com