Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM0900 Datasheet(PDF) 30 Page - STMicroelectronics

Part # UM0900
Description  1 kW 3-phase motor control demonstration board featuring
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0900 Datasheet(HTML) 30 Page - STMicroelectronics

Back Button UM0900 Datasheet HTML 26Page - STMicroelectronics UM0900 Datasheet HTML 27Page - STMicroelectronics UM0900 Datasheet HTML 28Page - STMicroelectronics UM0900 Datasheet HTML 29Page - STMicroelectronics UM0900 Datasheet HTML 30Page - STMicroelectronics UM0900 Datasheet HTML 31Page - STMicroelectronics UM0900 Datasheet HTML 32Page - STMicroelectronics UM0900 Datasheet HTML 33Page - STMicroelectronics UM0900 Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 43 page
background image
Bill of materials
UM0900
30/43
Doc ID 17028 Rev 1
7
Bill of materials
A list of components used to build the demonstration board is shown in Table 7. The majority
of the active components used are available from STMicroelectronics.
Table 7.
Bill of materials
Reference
Value / generic
part number
Package / class
Manufacturer
C1,C5
2.2 nF / Y1
Y1 safety CAP - 2.2 nF
Murata
Manufacturing Co.,
Ltd.
C2, C3
330 µF / 450 V
Elyt. capacitor, RM10 mm, 30 x 50, 105 °C
EPCOS B43504-
A5337-M
C14
150 nF / X2
Foil X2 capacitor, RM 15 mm
EPCOS
B32922C3154M
C15
1 µF / 50 V
Elyt. capacitor, SMD 4 x 4
any
C17
100 µF / 25 V
Elyt. capacitor, SMD 8 x 8
any
C6,C7,C10,C11,C16,C18,C2
3,C25,C26,C27,C49,C56,C5
7,C60,C62,C63
100 nF
Capacitor, SMD 0805
any (AVX, etc.)
C19,C20,C21,C37,C38,C43,
C44,C47,C48
10 pF
Capacitor, SMD 0805
AVX
C24
4.7 µF / 25 V
Elyt. capacitor, SMD 4 x 4
any
C28,C31,C32,C33
2.2 nF
Capacitor, SMD 0805
any (AVX, etc.)
C22
470 pF
Capacitor, SMD 0805
any (AVX, etc.)
C29
4.7 nF
Capacitor, SMD 0805
any (AVX, etc.)
C59
2.2 µF / 35 V
Elyt. capacitor, SMD 4 x 4
any
C13
220 nF / 16 V
Capacitor, SMD 0805
any (AVX, etc.)
C39,C40,C41,C42,C45,C46
1 µF / 50 V
Capacitor, SMD 1206; 50 V
AVX
C30,C52,C53,C54
100 pF
Capacitor, SMD 0805
any (AVX, etc.)
C4
330 nF / X2
Foil X2 capacitor, RM 15 mm
EPCOS
B32922C3334K
C34,C35,C36,C51
33 pF
Capacitor, SMD 0805
any (AVX, etc.)
C50
330 pF
Capacitor, SMD 0805
any (AVX, etc.)
C8, C58
22 µF / 6.3 V
Elyt. capacitor, SMD 4 x 4
any
C9,C55
10 nF
Capacitor, SMD 0805
any (AVX, etc.)
R22
15 k
Ω
Resistor, SMD 0805, 1%
Vishay™
R31,R46,R56,R71,R76
100 k
Ω
Resistor, SMD 0805, 1%
Vishay
VR1
10
Ω
NTC
EPCOS B57364S
100 m
R1,R3,R6
100 k
Ω
Resistor, SMD 1206
Vishay



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com