Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM0900 Datasheet(PDF) 41 Page - STMicroelectronics

Part # UM0900
Description  1 kW 3-phase motor control demonstration board featuring
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0900 Datasheet(HTML) 41 Page - STMicroelectronics

Back Button UM0900 Datasheet HTML 35Page - STMicroelectronics UM0900 Datasheet HTML 36Page - STMicroelectronics UM0900 Datasheet HTML 37Page - STMicroelectronics UM0900 Datasheet HTML 38Page - STMicroelectronics UM0900 Datasheet HTML 39Page - STMicroelectronics UM0900 Datasheet HTML 40Page - STMicroelectronics UM0900 Datasheet HTML 41Page - STMicroelectronics UM0900 Datasheet HTML 42Page - STMicroelectronics UM0900 Datasheet HTML 43Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 41 / 43 page
background image
UM0900
Conclusion
Doc ID 17028 Rev 1
41/43
11
Conclusion
This document describes the 1 kW 3-phase motor control STEVAL-IHM025V1
demonstration board based on IPM as a universal fully-evaluated platform.
12
References
1.
STMicroelectronics STGIPL14K60 device datasheet - see
www.st.com/stonline/products/literature/ds/15589/stgipl14k60.pdf
2.
STMicroelectronics VIPer16 device datasheet - see
www.st.com/stonline/products/literature/ds/15232.pdf
3.
STMicroelectronics STGP10NC60KD device datasheet - see
www.st.com/stonline/products/literature/ds/11423/stgp10nc60kd.pdf
4.
STMicroelectronics user manual UM0379: “STM3210B-MCKIT and STR750-MCKIT 3-
phase motor control power stage” - see
www.st.com/stonline/products/literature/um/13031.pdf
5.
STMicroelectronics user manual UM0580: “100W 3-phase inverter featuring L6390 and
STD5NK52ZD for vector control STEVAL-IHM023V1” - see
www.st.com/stonline/products/literature/um/14958.pdf
6.
STMicroelectronics user manual UM0723: “1kW 3-phase motor control demonstration
board featuring L6390 drivers and STGP10NC60KD IGBT” - see
www.st.com/stonline/products/literature/um/15870.pdf



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com