Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM0900 Datasheet(PDF) 22 Page - STMicroelectronics

Part # UM0900
Description  1 kW 3-phase motor control demonstration board featuring
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0900 Datasheet(HTML) 22 Page - STMicroelectronics

Back Button UM0900 Datasheet HTML 18Page - STMicroelectronics UM0900 Datasheet HTML 19Page - STMicroelectronics UM0900 Datasheet HTML 20Page - STMicroelectronics UM0900 Datasheet HTML 21Page - STMicroelectronics UM0900 Datasheet HTML 22Page - STMicroelectronics UM0900 Datasheet HTML 23Page - STMicroelectronics UM0900 Datasheet HTML 24Page - STMicroelectronics UM0900 Datasheet HTML 25Page - STMicroelectronics UM0900 Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 43 page
background image
Board description
UM0900
22/43
Doc ID 17028 Rev 1
3.3.8
Temperature feedback and overtemperature protection (OTP)
Hardware overtemperature protection is also implemented on the STEVAL-IHM025V1
demonstration board. This feature fully protects the IPM module against damage when the
temperature on the junction on the IPM overruns a defined value. The temperature is
sensed through an NTC resistor which is integrated into the IPM. The measured signal is
fed through the J4 motor connector to the MCU control unit and can be read with an A-D
converter. The signal is also fed to the U6 comparator where it is compared with a 2.5 V
reference voltage which is built around U7 precision reference TS3431. The output signal of
the U6 comparator is fed into the SD pin of the IPM to stop the commutation of the
connected motor. With the value of the integrated NTC resistor inside the IPM and R100
resistor equal to 2.2k
Ω, the shutdown temperature is roughly 85 °C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com