Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM0900 Datasheet(PDF) 18 Page - STMicroelectronics

Part # UM0900
Description  1 kW 3-phase motor control demonstration board featuring
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0900 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button UM0900 Datasheet HTML 14Page - STMicroelectronics UM0900 Datasheet HTML 15Page - STMicroelectronics UM0900 Datasheet HTML 16Page - STMicroelectronics UM0900 Datasheet HTML 17Page - STMicroelectronics UM0900 Datasheet HTML 18Page - STMicroelectronics UM0900 Datasheet HTML 19Page - STMicroelectronics UM0900 Datasheet HTML 20Page - STMicroelectronics UM0900 Datasheet HTML 21Page - STMicroelectronics UM0900 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 43 page
background image
Board description
UM0900
18/43
Doc ID 17028 Rev 1
Equation 3
Total gain of the circuit including resistors' divider is equal to:
Equation 4
With the default values this gives:
●
VBIAS = 1.7 V
●
G = 4.3
●
GTOT = 1.7
●
Maximum current amplifiable without distortion is 6.5 A.
V
OU T
V
SIGN
V
BIAS
+
=
V
BI AS
3.3
1
R1
--------
1
R2
--------
1
R3
--------
++
⎝⎠
⎛⎞
R3
×
----------------------------------------------------------
G
×
=
V
SIGN
IR
SHUNT
×
1
R1
--------
1
R2
--------
1
R3
--------
++
⎝⎠
⎛⎞
R1
×
----------------------------------------------------------
G
×
=
G
TOT
V
SI GN
V
IN
----------------
V
SI GN
R
SHUN T
I
×
-----------------------------
==



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com