Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM0900 Datasheet(PDF) 25 Page - STMicroelectronics

Part # UM0900
Description  1 kW 3-phase motor control demonstration board featuring
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0900 Datasheet(HTML) 25 Page - STMicroelectronics

Back Button UM0900 Datasheet HTML 21Page - STMicroelectronics UM0900 Datasheet HTML 22Page - STMicroelectronics UM0900 Datasheet HTML 23Page - STMicroelectronics UM0900 Datasheet HTML 24Page - STMicroelectronics UM0900 Datasheet HTML 25Page - STMicroelectronics UM0900 Datasheet HTML 26Page - STMicroelectronics UM0900 Datasheet HTML 27Page - STMicroelectronics UM0900 Datasheet HTML 28Page - STMicroelectronics UM0900 Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 43 page
background image
UM0900
Description of jumpers, test pins and connectors
Doc ID 17028 Rev 1
25/43
5
Description of jumpers, test pins and connectors
The following tables give a detailed description of the jumpers, test pins and the pinout of
the connectors used. Table 4 gives a detailed description of the jumpers. Table 5 gives
a detailed description of the connectors andTable 6 describes all the test pins placed on the
board.
Table 4.
Jumper description
Jumper
Selection
Description
W1
A position
Supplies peripheral on the board with 3.3 V
B position
Supplies peripheral on the board with 5 V
W2
Present
Connects H1 pin of encoder/hall sensor connector to measure phase A
Not present Disconnects H1 pin of encoder/hall sensor connector to measure phase A
W3
A position
Software brake feature applied
B position
Overcurrent protection can be disabled with software
W4
Present
Supplies direct driving board through the J4 connector (max. current 50 mA)
Not present Separated voltage
W5
Present
Connects tachometer signal to measure phase A
Not present Disconnects tachometer signal to measure phase A
W6
A position
Sets the gain of phase B current op. amplifier for three-shunt configuration
B position
Sets the gain of phase B current op. amplifier for single-shunt configuration
W7
Present
Shorts W and V emitters legs - setting for single-shunt configuration
Not present Setting for three-shunt configuration
W8
Present
Shorts V and U emitter legs - setting for single-shunt configuration
Not present Setting for three shunt configuration
W9
Present
Applies shunt resistor to W phase emitter leg
Not present Setting for single shunt configuration
W10
Present
Applies shunt resistor to U phase emitter leg
Not present Setting for single shunt configuration
W11
Present
Sets the gain of phase B current op. amplifier for three-shunt configuration
Not present Sets the gain of phase B current op. amplifier for single-shunt configuration
W12
A position
Sets the same supply voltage for the hall sensor as for the rest of peripheral
B position
Sets 5 VDC supply voltage for hall sensor



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com