Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD6600AGS Datasheet(PDF) 23 Page - NEC

Part # UPD6600AGS
Description  4-BIT SINGLE-CHIP MICROCONTROLLER FOR REMOTE CONTROL TRANSMISSION
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD6600AGS Datasheet(HTML) 23 Page - NEC

Back Button UPD6600AGS Datasheet HTML 19Page - NEC UPD6600AGS Datasheet HTML 20Page - NEC UPD6600AGS Datasheet HTML 21Page - NEC UPD6600AGS Datasheet HTML 22Page - NEC UPD6600AGS Datasheet HTML 23Page - NEC UPD6600AGS Datasheet HTML 24Page - NEC UPD6600AGS Datasheet HTML 25Page - NEC UPD6600AGS Datasheet HTML 26Page - NEC UPD6600AGS Datasheet HTML 27Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 36 page
background image
µPD6124A, 6600A
23
22.
ELECTRICAL SPECIFICATIONS
(1)
µPD6124A Electrical Specifications
ABSOLUTE MAXIMUM RATINGS (TA =25
°C)
Parameter
Symbol
Ratings
Unit
Supply Voltage
VDD
–0.3 to +7.0
V
Input Voltage
VIN
–0.3 to VDD + 0.3
V
Operating Ambient Temperature
TA
–20 to +75
°C
Storage Temperature
Tstg
–40 to +125
°C
Caution
Even if one of the parameters exceeds its absolute maximum rating even momentarily, the quality
of the product may be degraded. The absolute maximum rating therefore specifies the upper or lower
limit of the value at which the product can be used without physical damages. Be sure to use the
product(s) within the ratings.
RECOMMENDED OPERATING RANGE (TA = –20 to +75
°C)
Parameter
Symbol
MIN.
TYP.
MAX.
Unit
Supply Voltage
VDD
2.2
5.5
V
Oscillation Frequency
fOSC
400
500
kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com