Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD6600AGS Datasheet(PDF) 32 Page - NEC

Part # UPD6600AGS
Description  4-BIT SINGLE-CHIP MICROCONTROLLER FOR REMOTE CONTROL TRANSMISSION
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD6600AGS Datasheet(HTML) 32 Page - NEC

Back Button UPD6600AGS Datasheet HTML 28Page - NEC UPD6600AGS Datasheet HTML 29Page - NEC UPD6600AGS Datasheet HTML 30Page - NEC UPD6600AGS Datasheet HTML 31Page - NEC UPD6600AGS Datasheet HTML 32Page - NEC UPD6600AGS Datasheet HTML 33Page - NEC UPD6600AGS Datasheet HTML 34Page - NEC UPD6600AGS Datasheet HTML 35Page - NEC UPD6600AGS Datasheet HTML 36Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 32 / 36 page
background image
µPD6124A, 6600A
32
25. RECOMMENDED SOLDERING CONDITIONS
It is recommended that
µPD6124A and 6600A be soldered under the following conditions.
For details on the recommended soldering conditions, refer to Information Document “Semiconductor Device
Mounting Technology Manual” (C10535E).
For other soldering methods and conditions, consult NEC.
Table 25-1. Soldering Conditions of Surface-Mount Type
µPD6124AGS-XXX: 20-pin plastic SOP (300 mil)
µPD6600AGS-XXX: 20-pin plastic SOP (300 mil)
Symbol for
Soldering Method
Soldering Conditions
Recommended Condition
Infrared Reflow
Package peak temperature: 230
°C, time: 30 seconds max. (210°C min.), number of times: 1
IR30-00-1
VPS
Package peak temperature: 215
°C, time: 40 seconds max. (200°C min.), number of times: 1
VP15-00-1
Wave Soldering
Soldering bath temperature: 260
°C max., time: 10 seconds max., number of times: 1
Pre-heating temperature: 120
°C max. (package surface temperature)
WS60-00-1
Partial Heating
Pin temperature: 300
°C max., time: 3 seconds max. (per side)
–
Caution
Do not use two or more soldering methods in combination (except the partial heating method).
Table 25-2. Soldering Conditions of Through-Hole Type
µPD6124ACS-XXX: 20-pin plastic shrink DIP (300 mil)
µPD6600ACS-XXX: 20-pin plastic shrink DIP (300 mil)
Soldering Method
Soldering Conditions
Wave Soldering (Only for pin part)
Soldering bath temperature: 260
°C max., time: 10 seconds max.
Partial Heating
Pin temperature: 300
°C max., time: 30 seconds max.
Caution
The wave soldering must be performed at the pin part only. Note that the solder must not be directly
contacted to the package body.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com