Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD6600AGS Datasheet(PDF) 4 Page - NEC

Part # UPD6600AGS
Description  4-BIT SINGLE-CHIP MICROCONTROLLER FOR REMOTE CONTROL TRANSMISSION
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD6600AGS Datasheet(HTML) 4 Page - NEC

  UPD6600AGS Datasheet HTML 1Page - NEC UPD6600AGS Datasheet HTML 2Page - NEC UPD6600AGS Datasheet HTML 3Page - NEC UPD6600AGS Datasheet HTML 4Page - NEC UPD6600AGS Datasheet HTML 5Page - NEC UPD6600AGS Datasheet HTML 6Page - NEC UPD6600AGS Datasheet HTML 7Page - NEC UPD6600AGS Datasheet HTML 8Page - NEC UPD6600AGS Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 36 page
background image
µPD6124A, 6600A
4
1.
PROGRAM COUNTER (PC) ……… 9 BITS
:
µPD6600A
10 BITS
:
µPD6124A
The program counter (PC) is a binary counter, which holds the address information for the program memory.
Figure 1-1. Program Counter Organization
PC 7
PC 6
PC 5
PC 4
PC 3
PC 2
PC 1
PC 0
PC 8
PC 9
PC 7
PC 6
PC 5
PC 4
PC 3
PC 2
PC 1
PC 0
PC 8
PC
PC
PD6124A
(b)
PD6600A
(a)
µ
µ
Normally, the program counter contents are automatically incremented each time an instruction is executed,
according to the number of instruction bytes.
When executing a jump instruction (JMP0, JC, JF), the program counter indicates the jump destination.
Immediate data or the data memory contents are loaded to all or some bits of the PC.
When executing the call instruction (CALL0), the PC contents are incremented (+1) and saved into the stack memory.
Then, a value needed for each jump instruction will be loaded.
When executing the return instruction (RET), the stack memory contents are double incremented (+2) and loaded
into the PC.
When “all clear” is input or on reset, the PC contents are cleared to “000H”.
2.
STACK POINTER (SP) ……… 2 BITS
This 2-bit register holds the start address information for the stack area. The stack area is shared with the data
memory.
The SP contents are incremented, when the call instruction (CALL0) is executed. They are decremented, when the
return instruction (RET) is executed.
The stack pointer is cleared to “00B” after reset or “all clear” is input, and indicates the highest address FH for the
data memory as the stack area.
The figure below shows the relationship for the stack pointer and the data memory area.
RC
Data memory
RD
RE
RF
(SP)
11B
10B
01B
00B
If the stack pointer overflows or underflows, it is determined that the CPU overflows, and the PC internal reset signal
will be generated.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com