Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD6600AGS Datasheet(PDF) 20 Page - NEC

Part # UPD6600AGS
Description  4-BIT SINGLE-CHIP MICROCONTROLLER FOR REMOTE CONTROL TRANSMISSION
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD6600AGS Datasheet(HTML) 20 Page - NEC

Back Button UPD6600AGS Datasheet HTML 16Page - NEC UPD6600AGS Datasheet HTML 17Page - NEC UPD6600AGS Datasheet HTML 18Page - NEC UPD6600AGS Datasheet HTML 19Page - NEC UPD6600AGS Datasheet HTML 20Page - NEC UPD6600AGS Datasheet HTML 21Page - NEC UPD6600AGS Datasheet HTML 22Page - NEC UPD6600AGS Datasheet HTML 23Page - NEC UPD6600AGS Datasheet HTML 24Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 36 page
background image
µPD6124A, 6600A
20
20. INSTRUCTION SET
ACCUMULATOR MANIPULATION INSTRUCTIONS
ANL
ANL
ANL
ANL
ORL
ORL
ORL
ORL
XRL
XRL
XRL
XRL
INC
RL
D00
E00
A00
D10
D30
D31
E10
E30
E31
A10
A30
A31
A13
F13
R10
R11
R12
R1F
R00
R01
R0F
R r
A, Rr
A, @R0H
A, @R0L
A, #data
A, Rr
A, @R0H
A, @R0L
A, #data
A, Rr
A, @R0H
A, @R0L
A, #data
A
A
D01
E01
A01
D02
E02
A02
D0F
E0F
A0F
D20
E20
A20
D21
E21
A21
D2F
E2F
A2F
–
INPUT/OUTPUT INSTRUCTIONS
P
A,
P ,
A,
A,
A,
IN
OUT
ANL
ORL
XRL
F19
219
D19
E19
A19
P
P11
P P
P
A
P
P
P
P
P
P
P
F18
218
D18
E18
A18
P10
F1A
21A
D1A
E1A
A1Z
P12
F39
239
D39
E39
A39
P01
F38
238
D38
E38
A38
P00
F3A
23A
D3A
E3A
A3A
02
P
OUT
319
P
P1
P P
#data
318
P0
31A
P2
P1P and P0P operate in pair format
DATA TRANSFER INSTRUCTIONS
MOV
MOV
F00
F10
F01
F02
F0F
F20
F21
F2F
A, R
A, @R H
r
0
R10
R11
R12
R1F
R00
R01
R0F
R r
MOV
F30
A, @R H
0
MOV
F31
A, #data
MOV
MOV
300
301
302
30F
R , #data
R , @R
r
r
R0
R1
R2
RF
Rr
320
321
322
32F
MOV
R , A
r
200
201
202
20F
220
221
22F
0
R1r and R0r operate in pair format



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com