Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD6600AGS Datasheet(PDF) 24 Page - NEC

Part # UPD6600AGS
Description  4-BIT SINGLE-CHIP MICROCONTROLLER FOR REMOTE CONTROL TRANSMISSION
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD6600AGS Datasheet(HTML) 24 Page - NEC

Back Button UPD6600AGS Datasheet HTML 20Page - NEC UPD6600AGS Datasheet HTML 21Page - NEC UPD6600AGS Datasheet HTML 22Page - NEC UPD6600AGS Datasheet HTML 23Page - NEC UPD6600AGS Datasheet HTML 24Page - NEC UPD6600AGS Datasheet HTML 25Page - NEC UPD6600AGS Datasheet HTML 26Page - NEC UPD6600AGS Datasheet HTML 27Page - NEC UPD6600AGS Datasheet HTML 28Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 36 page
background image
µPD6124A, 6600A
24
DC CHARACTERISTICS (VDD = 3.0 V, fOSC = 455 kHz, TA =25
°C)
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
Supply Voltage
VDD
2.2
5.5
V
Current Consumption 1
IDD1
fOSC = 455 kHz
0.3
1.0
mA
Current Consumption 2
IDD2
fOSC = STOP
2.0
µA
REM High Level Output Current
IOH1
VO = 1.0 V
–5
–8
mA
REM Low Level Output Current
IOL1
VO = 0.3 V
0.5
1.5
2.5
mA
S-OUT High Level Output Current
IOH2
VO = 2.7 V
–0.3
–1.0
–2.0
mA
S-OUT Low Level Output Current
IOL2
VO = 0.3 V
1
1.5
mA
KI High Level Input Current
IIH1
VI = 3.0 V
10
30
µA
KI High Level Input Current
IIH1'
VI = 3.0 V, without pull-down resistor
0.2
µA
KI Low Level Input Current
IIL1
VI = 0 V
–0.2
µA
KI/O High Level Input Current
IIH2
VI = 3.0 V
10
30
µA
KI/O High Level Input Current
IIH2'
VI = 3.0 V, without pull-down resistor
0.2
µA
KI/O Low Level Input Current
IIL2
VI = 0 V
–0.2
µA
KI/O High Level Output Current
IOH3
V0 = 2.5 V
–1.5
–2.0
–4.0
mA
KI/O Low Level Output Current
IOL3
V0 = 2.1 V
25
50
100
µA
S-IN High Level Input Current
IIH3
VI = 3.0 V
6
30
µA
S-IN High Level Input Current
IIH3'
VI = 3.0 V, without pull-down resistor
0.2
µA
S-IN Low Level Input Current
IIL3
VI = 0 V
–0.2
µA
KI High Level Input Voltage
VIH1
2.1
3.0
V
KI Low Level Input Voltage
VIL1
VI = 3.0 V
0
0.9
V
KI/O High Level Input Voltage
VIH2
1.3
3.0
V
KI/O Low Level Input Voltage
VIL2
0
0.4
V
S-IN High Level Input Voltage
IIH3
1.1
3.0
V
S-IN Low Level Input Voltage
IIL3
0
0.4
V
AC Pull-Up Resistor
R1
VI = 0 V
0.3
3.0
k
Ω
AC Pull-Down Resistor
R2
VI = 2.7 V
150
1500
k
Ω
AC High Level Input Voltage
VIH4
1.8
3.0
V
AC Low Level Input Voltage
VIL4
0
1.2
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com