Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD6600AGS Datasheet(PDF) 5 Page - NEC

Part # UPD6600AGS
Description  4-BIT SINGLE-CHIP MICROCONTROLLER FOR REMOTE CONTROL TRANSMISSION
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD6600AGS Datasheet(HTML) 5 Page - NEC

  UPD6600AGS Datasheet HTML 1Page - NEC UPD6600AGS Datasheet HTML 2Page - NEC UPD6600AGS Datasheet HTML 3Page - NEC UPD6600AGS Datasheet HTML 4Page - NEC UPD6600AGS Datasheet HTML 5Page - NEC UPD6600AGS Datasheet HTML 6Page - NEC UPD6600AGS Datasheet HTML 7Page - NEC UPD6600AGS Datasheet HTML 8Page - NEC UPD6600AGS Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 36 page
background image
µPD6124A, 6600A
5
3.
PROGRAM MEMORY (ROM) ……… 512 STEPS
× 10 BITS :
µPD6600A
1002 STEPS
× 10 BITS :
µPD6124A
The program memory (ROM) is configured in 10 bits steps. It is addressed by the program counter.
Program and table data are stored in the program memory.
Figure 3-1. Program Memory Map
000H
0FFH
100H
1FFH
Test program
area
PD6124A
(b)
PD6600A
(a)
000H
0FFH
100H
1FFH
200H
2FFH
300H
3E9H
3EAH
3FFH
µ
µ
4.
DATA MEMORY (RAM) ……… 32 WORDS
× 5 BITS
The data memory is a RAM of 32 words
× 5 bits. The data memory stores processing data. In some cases, the
data memory is processed in 8-bit units. R0 may be used as the data pointer for the ROM.
After power application, the RAM will be undefined. The RAM retains the previous data on reset.
Figure 4-1. Data Memory Organization
1
R0
0
RF
RB
RC
SP–3
SP–2
SP–1
SP–0
..
.
..
.
Caution
Avoid using the RAM areas RD, RE, and RF in a CALL routine as much as possible because these areas
are also used as stack memory areas (to prevent program hang-up in case the value of the SP is
destroyed due to some reason such as noise).
When using these RAM areas as general-purpose RAM areas, be sure to include stack pointer
checking in the main routine.
0
0
1
1
0
0
1
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com