Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD6600AGS Datasheet(PDF) 12 Page - NEC

Part # UPD6600AGS
Description  4-BIT SINGLE-CHIP MICROCONTROLLER FOR REMOTE CONTROL TRANSMISSION
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD6600AGS Datasheet(HTML) 12 Page - NEC

Back Button UPD6600AGS Datasheet HTML 8Page - NEC UPD6600AGS Datasheet HTML 9Page - NEC UPD6600AGS Datasheet HTML 10Page - NEC UPD6600AGS Datasheet HTML 11Page - NEC UPD6600AGS Datasheet HTML 12Page - NEC UPD6600AGS Datasheet HTML 13Page - NEC UPD6600AGS Datasheet HTML 14Page - NEC UPD6600AGS Datasheet HTML 15Page - NEC UPD6600AGS Datasheet HTML 16Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 36 page
background image
µPD6124A, 6600A
12
12. PORT REGISTER (P×)
KI/O, KI, and the control register are handled as port registers.
The table below shows the relations between the port registers and pins.
Table 12-1. Relations between Port Registers and Pins
Pin
Input Mode
Output Mode
Name
Read
Write
Read
Write
On Reset
KI/O
Pin status
Output latch
Pin status
Output latch
Undefined [input mode, output latch]
KI
Pin status
–
–
–
Input mode
S-IN
Pin status is read by RL A instruction when D0 of P1 register = 1.
High impedance (D0 of P1 register = 0)
P 10
P 11
P 12
P 00
P 01
P 02
K I/O7-4
K I/O3-0
P 0
P 1
P 2
Control register (H)
Control register (L)
K I3-0
P1
× (H)
P0
× (L)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com