Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD6600AGS Datasheet(PDF) 27 Page - NEC

Part # UPD6600AGS
Description  4-BIT SINGLE-CHIP MICROCONTROLLER FOR REMOTE CONTROL TRANSMISSION
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD6600AGS Datasheet(HTML) 27 Page - NEC

Back Button UPD6600AGS Datasheet HTML 23Page - NEC UPD6600AGS Datasheet HTML 24Page - NEC UPD6600AGS Datasheet HTML 25Page - NEC UPD6600AGS Datasheet HTML 26Page - NEC UPD6600AGS Datasheet HTML 27Page - NEC UPD6600AGS Datasheet HTML 28Page - NEC UPD6600AGS Datasheet HTML 29Page - NEC UPD6600AGS Datasheet HTML 30Page - NEC UPD6600AGS Datasheet HTML 31Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 36 page
background image
µPD6124A, 6600A
27
23. CHARACTERISTICS CURVE (REFERENCE VALUE) (Common in
µPD6124A and 6600A)
5.0
(T = 25 ± 3˚C)
A
0
0.2
Low-level output voltage V
[V]
OL
I
vs V
characteristic examples (REM)
OL
OL
4.0
3.0
2.0
1.0
0.4
0.6
0.8
1.0
(T = 25 ± 3˚C)
A
I
vs V
characteristic examples (REM)
OH
OH
–10.0
–5.0
0
0.5
High-level output voltage V
[V]
OH
1.0
1.5
2.0
2.5
3.0
(T = 25 ± 3˚C)
A
I
vs V
characteristic examples (S-OUT)
OL
OL
(T = 25 ± 3˚C)
A
I
vs V
characteristic examples (S-OUT)
OH
OH
3.0
2.0
4.0
5.0
1.0
00
–2.0
–1.0
–3.0
0.2
low-level output voltage V
[V]
OL
0.4
0.6
0.8
1.0
2.0
High-level output voltage V
[V]
OH
2.2
2.4
2.6
2.8
3.0
(T = 25 ± 3˚C)
A
I
vs V
characteristic examples (K
-K
)
OL
OL
(T = 25 ± 3˚C)
A
I
vs V
characteristic examples (K
-K
)
OL
OL
50
00
50
Low-level output voltage V
[V]
OL
1.0
2.0
3.0
Low-level output voltage V
[V]
OL
1.0
2.0
3.0
I/O0
I/O3
I/O0
I/O7
V
= 3 V
DD
V
= 3 V
DD
V
= 3 V
DD
V
= 3 V
DD
V
= 3 V
DD
V
= 3 V
DD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com