Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD6600AGS Datasheet(PDF) 3 Page - NEC

Part # UPD6600AGS
Description  4-BIT SINGLE-CHIP MICROCONTROLLER FOR REMOTE CONTROL TRANSMISSION
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD6600AGS Datasheet(HTML) 3 Page - NEC

  UPD6600AGS Datasheet HTML 1Page - NEC UPD6600AGS Datasheet HTML 2Page - NEC UPD6600AGS Datasheet HTML 3Page - NEC UPD6600AGS Datasheet HTML 4Page - NEC UPD6600AGS Datasheet HTML 5Page - NEC UPD6600AGS Datasheet HTML 6Page - NEC UPD6600AGS Datasheet HTML 7Page - NEC UPD6600AGS Datasheet HTML 8Page - NEC UPD6600AGS Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 36 page
background image
µPD6124A, 6600A
3
BLOCK DIAGRAM
I0
I3
K -K
L
H
32
5 bits
×
AC
KI/O0-KI/O7
S-IN
REM
S-OUT
OSC-IN
OSC-OUT
MOD
10 bits
OSC
To S-OUT
ROM
D.P.
ROM
D.P.
PC(H)
M
P
X
Note
ADD
DEC
M
P
X
RAM
RAM
CNTL
(H)
CNTL
(L)
SP
TIMER
(L)
TIMER
(H)
ACC
KEY
IN
KEY
OUT(H)
KEY
OUT(L)
ALU
Watchdog
timer
function
Low-
voltage
detector
circuit
PC(L)
ROM
(L)
ROM
(H)
Note ROM capacity depends on the products.
DIFFERENCES AMONG PRODUCTS
Item
Product Name
µPD6124A
µPD6600A
ROM Capacity
1002
× 10 bits (Mark ROM)
512
× 10 bits (Mask ROM)
RAM Capacity
32
× 5 bits
I/O Pins
8 (KI/O0-KI/O7)
S-IN Pins
Provided
Current Consumption
2
µA
(fOSC = STOP) (MAX.)
S-IN High Level Input
30
µA
Current (MAX.)
Transmit Carrier Frequency
fOSC/12, fOSC/8
Low-voltage Detector
Provided
(Reset) Circuit
Supply Current
VDD = 2.2 to 5.5 V
VDD = 2.2 to 3.6 V
Package
• 20-pin plastic SOP (300 mil)
• 20-pin plastic shrink DIP (300 mil)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com