Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD6600AGS Datasheet(PDF) 6 Page - NEC

Part # UPD6600AGS
Description  4-BIT SINGLE-CHIP MICROCONTROLLER FOR REMOTE CONTROL TRANSMISSION
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD6600AGS Datasheet(HTML) 6 Page - NEC

Back Button UPD6600AGS Datasheet HTML 2Page - NEC UPD6600AGS Datasheet HTML 3Page - NEC UPD6600AGS Datasheet HTML 4Page - NEC UPD6600AGS Datasheet HTML 5Page - NEC UPD6600AGS Datasheet HTML 6Page - NEC UPD6600AGS Datasheet HTML 7Page - NEC UPD6600AGS Datasheet HTML 8Page - NEC UPD6600AGS Datasheet HTML 9Page - NEC UPD6600AGS Datasheet HTML 10Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 36 page
background image
µPD6124A, 6600A
6
5.
DATA POINTER (R0)
R0 (R10, R00) for the data memory can serve as the data pointer for the ROM.
R0 specifies the low-order 8 bits in the ROM address. The high-order 2 bits in the ROM address are specified by
the control register.
Table referencing for ROM data can be easily executed by calling the ROM contents by setting the ROM address
to the data pointer.
On reset or “all clear” is input, it becomes undefined.
Figure 5-1. Data Pointer Organization
AD 0
AD 1
AD 2
AD 3
AD 4
AD 5
AD 6
AD 7
AD 8
AD9Note
Control registers
(P )
1
R 0
R10
R00
Note
µPD6600A: AD9 = 0
6.
ACCUMULATOR (A) ……… 4 BITS
The accumulator (A) is a 4-bit register. The accumulator plays a major role in each operation.
On reset or “all clear” is input, it becomes undefined.
Figure 6-1. Accumulator Organization
A 0
A 1
A 2
A 3
A
7.
ARITHMETIC LOGIC UNIT (ALU) ……… 4 BITS
The arithmetic logic unit (ALU) is a 4-bit operation circuit, and executes simple operations, such as arithmetic
operations.
8.
FLAGS
(1)
Status flag
When the status for each pin is checked by the STTS instruction, if the condition coincides with the condition
specified by the STTS instruction, the status flag (F) is set (to 1).
On reset or “all clear” is input, it becomes undefined.
(2)
Carry flag
When the INC (increment) instruction or the RL (rotate left) instruction is executed, if a carry is generated from
the MSB for the accumulator, the carry flag (C) is set (to 1).
The carry flag (C) is also set (to 1), if the contents for the accumulator are “FH”, when the SCAF instruction
is executed.
On reset or “all clear” is input, it becomes undefined.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com