Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD6600AGS Datasheet(PDF) 21 Page - NEC

Part # UPD6600AGS
Description  4-BIT SINGLE-CHIP MICROCONTROLLER FOR REMOTE CONTROL TRANSMISSION
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD6600AGS Datasheet(HTML) 21 Page - NEC

Back Button UPD6600AGS Datasheet HTML 17Page - NEC UPD6600AGS Datasheet HTML 18Page - NEC UPD6600AGS Datasheet HTML 19Page - NEC UPD6600AGS Datasheet HTML 20Page - NEC UPD6600AGS Datasheet HTML 21Page - NEC UPD6600AGS Datasheet HTML 22Page - NEC UPD6600AGS Datasheet HTML 23Page - NEC UPD6600AGS Datasheet HTML 24Page - NEC UPD6600AGS Datasheet HTML 25Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 36 page
background image
µPD6124A, 6600A
21
BRANCH INSTRUCTIONS
R r
R 0
R1
R2
RF
–
JMP0
JC
JC
JNC
JNC
JF
JF
JNF
JNF
addr
addr
RrNote
addr
addr
addr
411
611
–
631
–
711
–
731
–
RrNote
RrNote
RrNote
–
–
–
–
601
621
701
721
602
622
702
722
60F
62F
70F
72F
← Pair register
JMP0
RrNote
–
–
401
402
40F
Note
r = 1 through F
r = 0 canot be used.
SUBROUTINE INSTRUCTIONS
addr
CALL0
RET
411
P1
P P
312
412
P0
TIMER/COUNTER MANIPULATION INSTRUCTIONS
A,
T ,
T,
T,
MOV
MOV
MOV
MOV
F1F
21F
T1
T t
T
A
#data
@R
t
0
–
31F
33F
T0-1
T0
t
F3F
23F
OTHER INSTRUCTIONS
HALT #data
STTS R
STTS #data
SCAF
NOP
00
R
111
131
D13
000
01
R
02
R
0F
R
120
121
122
12F
0r



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com