Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD6600AGS Datasheet(PDF) 17 Page - NEC

Part # UPD6600AGS
Description  4-BIT SINGLE-CHIP MICROCONTROLLER FOR REMOTE CONTROL TRANSMISSION
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD6600AGS Datasheet(HTML) 17 Page - NEC

Back Button UPD6600AGS Datasheet HTML 13Page - NEC UPD6600AGS Datasheet HTML 14Page - NEC UPD6600AGS Datasheet HTML 15Page - NEC UPD6600AGS Datasheet HTML 16Page - NEC UPD6600AGS Datasheet HTML 17Page - NEC UPD6600AGS Datasheet HTML 18Page - NEC UPD6600AGS Datasheet HTML 19Page - NEC UPD6600AGS Datasheet HTML 20Page - NEC UPD6600AGS Datasheet HTML 21Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 36 page
background image
µPD6124A, 6600A
17
16. LOW-VOLTAGE DETECTOR (RESET) CIRCUIT
The
µPD6124A and 6600A are internally provided with the low-voltage detector (reset) circuit, in order to prevent
program hang-up.
When VDD goes down to 1 V or below, an internal reset signal is generated. In the reset condition, a low level is
output to the S-OUT pin.
Reset circuit
Internal reset signal
AC pin
To S-OUT pin
Caution
The low-voltage detector circuit starts operating at a voltage ranging from 1 to 2.2 V. Hence, if the
supply voltage is 2 V or lower, the program counter may hang up before the low-voltage detector
circuit operates.
17. MASK OPTIONS (PLA DATA)
The following items can be selected by mask option selection:
• Provide/not provide KI, S-IN pin pull-down resistor
• Carrier duty selection (1/2, 1/3) at fOSC/12
• Hang-up detection specification
Mask option data should be registered at the object code end.
BIT ASSIGNMENT BY SWITCH SELECTION
0
1
2
7
K
0
K
ALL
6
K
0
HALT
S-IN
5
K
0
HALT
K
4
K
Duty
selection
HALT
K
Note
I3
I2
I1
I0
I
I/O
I/O
3
0
2
0
1
S-IN
pull-down
resistor
0
0
MSB
LSB
KI
pull-down resistor
Corresponding
Portion
Hang-up detection
Duty
S-IN
0
0
Note
The setting (bit) positions differ from the
µPD6125A and 6126A.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com