Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD6600AGS Datasheet(PDF) 1 Page - NEC

Part # UPD6600AGS
Description  4-BIT SINGLE-CHIP MICROCONTROLLER FOR REMOTE CONTROL TRANSMISSION
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD6600AGS Datasheet(HTML) 1 Page - NEC

  UPD6600AGS Datasheet HTML 1Page - NEC UPD6600AGS Datasheet HTML 2Page - NEC UPD6600AGS Datasheet HTML 3Page - NEC UPD6600AGS Datasheet HTML 4Page - NEC UPD6600AGS Datasheet HTML 5Page - NEC UPD6600AGS Datasheet HTML 6Page - NEC UPD6600AGS Datasheet HTML 7Page - NEC UPD6600AGS Datasheet HTML 8Page - NEC UPD6600AGS Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 36 page
background image
©
1989
DATA SHEET
MOS INTEGRATED CIRCUIT
µPD6124A, 6600A
DESCRIPTION
The
µPD6124A and 6600A are 4-bit single-chip microcontrollers for infrared remote controllers for TVs, VCRs,
stereos, cassette decks, air conditions, etc.
These microcontrollers consist of ROM, RAM, a 4-bit parallel-processing ALU, a programmable timer, key input/
output ports, and transmit output ports. Functioning is controlled by a program.
A one-time PROM, model
µPD61P24, to which a program can be written only once is also available. This one-time
PROM is ideal for evaluation of programs running in a
µPD6124A or 6600A, and for small-scale production of such
systems.
FEATURES
• Transmitter for programmable infrared remote control-
ler
• 19 types of instructions
• Instruction execution time: 17.6
µs (with 455-kHz ce-
ramic resonator)
• Program memory (ROM) capacity
•
µPD6124A: 1002 × 10 bits
•
µPD6600A: 512 × 10 bits
• Data memory (RAM) capacity: 32
× 5 bits
• 9-bit programmable timer: 1 channel
• I/O pins (KI/O): 8 pins
• Input pins (KI): 4 pins
• Serial input pins (S-IN): 1 pin
• Transmission-in-progress indication pin (S-OUT): 1
pin
• Transmit carrier frequency (REM)
fOSC/12, fOSC/8
• Standby operation (HALT/STOP mode)
• Low power consumption
• Current consumption in STOP mode (T
A
= 25
°C)
• Low-voltage operation
µPD6124A: VDD = 2.2 to 5.5 V
µPD6600A: VDD = 2.2 to 3.6 V
Caution
To use the NEC transmission format, ask NEC to supply the custom code.
Do not use R0 when using a register as an operand of the branch instruction.
4-BIT SINGLE-CHIP MICROCONTROLLER
FOR REMOTE CONTROL TRANSMISSION
Document No. U12391EJ5V0DS00 (5th edition)
(Previous No. IC-1927)
Date Published June 1997 N
Printed in Japan
The information in this document is subject to change without notice.
The mark
shows major revised points.


Similar Part No. - UPD6600AGS

ManufacturerPart #DatasheetDescription
logo
NEC
UPD6604 NEC-UPD6604 Datasheet
268Kb / 64P
4-BIT SINGLE-CHIP MICROCONTROLLER FOR INFRARED REMOTE CONTROL TRANSMISSION
logo
Renesas Technology Corp
UPD6604 RENESAS-UPD6604 Datasheet
415Kb / 66P
MOS INTEGRATED CIRCUIT
1996
logo
NEC
UPD6604GS NEC-UPD6604GS Datasheet
268Kb / 64P
4-BIT SINGLE-CHIP MICROCONTROLLER FOR INFRARED REMOTE CONTROL TRANSMISSION
More results

Similar Description - UPD6600AGS

ManufacturerPart #DatasheetDescription
logo
NEC
UPD6125A NEC-UPD6125A Datasheet
286Kb / 40P
4-BIT SINGLE CHIP MICROCONTROLLER FOR REMOTE CONTROL TRANSMISSION
UPD6132 NEC-UPD6132 Datasheet
264Kb / 64P
4-BIT SINGLE-CHIP MICROCONTROLLER FOR INFRARED REMOTE CONTROL TRANSMISSION
UPD6133 NEC-UPD6133 Datasheet
410Kb / 64P
4-BIT SINGLE-CHIP MICROCONTROLLER FOR INFRARED REMOTE CONTROL TRANSMISSION
UPD61P24 NEC-UPD61P24 Datasheet
252Kb / 36P
4-BIT SINGLE-CHIP MICROCONTROLLER FOR REMOTE CONTROL TRANSMISSION
UPD62 NEC-UPD62 Datasheet
300Kb / 64P
4-BIT SINGLE-CHIP MICROCONTROLLER FOR INFRARED REMOTE CONTROL TRANSMISSION
UPD62A NEC-UPD62A Datasheet
377Kb / 62P
4-BIT SINGLE-CHIP MICROCONTROLLER FOR INFRARED REMOTE CONTROL TRANSMISSION
UPD64A NEC-UPD64A Datasheet
399Kb / 64P
4-BIT SINGLE-CHIP MICROCONTROLLER FOR INFRARED REMOTE CONTROL TRANSMISSION
UPD6P5 NEC-UPD6P5 Datasheet
232Kb / 32P
4-BIT SINGLE-CHIP MICROCONTROLLER FOR INFRARED REMOTE CONTROL TRANSMISSION
logo
Renesas Technology Corp
PD6124A RENESAS-PD6124A_15 Datasheet
312Kb / 38P
4-BIT SINGLE-CHIP MICROCONTROLLER FOR REMOTE CONTROL TRANSMISSION
PD62 RENESAS-PD62_15 Datasheet
419Kb / 66P
4-BIT SINGLE-CHIP MICROCONTROLLER FOR INFRARED REMOTE CONTROL TRANSMISSION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com