Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD6600AGS Datasheet(PDF) 16 Page - NEC

Part # UPD6600AGS
Description  4-BIT SINGLE-CHIP MICROCONTROLLER FOR REMOTE CONTROL TRANSMISSION
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD6600AGS Datasheet(HTML) 16 Page - NEC

Back Button UPD6600AGS Datasheet HTML 12Page - NEC UPD6600AGS Datasheet HTML 13Page - NEC UPD6600AGS Datasheet HTML 14Page - NEC UPD6600AGS Datasheet HTML 15Page - NEC UPD6600AGS Datasheet HTML 16Page - NEC UPD6600AGS Datasheet HTML 17Page - NEC UPD6600AGS Datasheet HTML 18Page - NEC UPD6600AGS Datasheet HTML 19Page - NEC UPD6600AGS Datasheet HTML 20Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 36 page
background image
µPD6124A, 6600A
16
15. AC PIN (ALL CLEAR PIN)
Internal part of the CPU including the program counter can be reset by setting the AC pin to the low level.
WATCHDOG TIMER FUNCTION
A power-on reset function and a CR watchdog timer function, that can be controlled by program, can be realized
by connecting a 0.1
µF capacitor across the AC pin and the VSS.
V DD
0.1 F
µ
0.1 F
µ
V
V DD
V thL
t
Charge mode
Charge start instruction
Execute HALT instruction
immediately before NOP.
(Charge for 0.4 ms or more)
Discharge mode
Charge-discharge
pattern
Discharge start instruction
Discharge starts after the NOP
instruction execution.
(Discharge time is about 5 ms from VDD to VthL)
The pattern must be
controlled by the program,
in such a manner that
the C charge level will not
go below VthL.
Caution
When the watchdog timer function is not used, switch to charging mode by executing a NOP
instruction immediately before a HALT instruction at the beginning of the program. (Be sure to
connect the capacitor.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com