Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD6600AGS Datasheet(PDF) 33 Page - NEC

Part # UPD6600AGS
Description  4-BIT SINGLE-CHIP MICROCONTROLLER FOR REMOTE CONTROL TRANSMISSION
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD6600AGS Datasheet(HTML) 33 Page - NEC

Back Button UPD6600AGS Datasheet HTML 28Page - NEC UPD6600AGS Datasheet HTML 29Page - NEC UPD6600AGS Datasheet HTML 30Page - NEC UPD6600AGS Datasheet HTML 31Page - NEC UPD6600AGS Datasheet HTML 32Page - NEC UPD6600AGS Datasheet HTML 33Page - NEC UPD6600AGS Datasheet HTML 34Page - NEC UPD6600AGS Datasheet HTML 35Page - NEC UPD6600AGS Datasheet HTML 36Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 33 / 36 page
background image
µPD6124A, 6600A
33
APPENDIX
µPD612× SERIES PRODUCT LIST
Part Number
µPD6124A
µPD6600A
µPD61P24
µPD6125A
µPD6126A
Item
ROM capacity
1002
× 10 bits
512
× 10 bits
1002
× 10 bits
1002
× 10 bits
(mask ROM)
(mask ROM)
(one-time PROM)
(mask ROM)
RAM capacity
32
× 5 bits
I/O pin
8 pins (KI/O0-7)
12 pins
16 pins (KI/O0-7,
(KI/O0-7, I/O00-03)
I/O00-03, I/O10-13)
S-IN pin
Provided
Current consumption
2
µA1 µA
(fOSC = STOP) (MAX.)
S-IN high-level input
30
µA
15
µA
current (MAX.)
Transmission carrier frequency
fOSC/12, fOSC/8
Low-voltage detection
Provided
None
(reset) function
Mask option
Provided
None (fixed)
Provided
Supply voltage
VDD = 2.0 to 5.5 V VDD = 2.2 to 3.6 V VDD = 2.2 to 5.5 V VDD = 2.0 to 6.0 V
Package
• 20-pin plastic SOP (300 mil)
• 24-pin plastic
• 28-pin plastic
• 20-pin plastic shrink DIP (300 mil)
SOP (300 mil)
SOP (375 mil)
• 24-pin plastic
shrink DIP
(300 mil)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com