Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD6600AGS Datasheet(PDF) 19 Page - NEC

Part # UPD6600AGS
Description  4-BIT SINGLE-CHIP MICROCONTROLLER FOR REMOTE CONTROL TRANSMISSION
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD6600AGS Datasheet(HTML) 19 Page - NEC

Back Button UPD6600AGS Datasheet HTML 15Page - NEC UPD6600AGS Datasheet HTML 16Page - NEC UPD6600AGS Datasheet HTML 17Page - NEC UPD6600AGS Datasheet HTML 18Page - NEC UPD6600AGS Datasheet HTML 19Page - NEC UPD6600AGS Datasheet HTML 20Page - NEC UPD6600AGS Datasheet HTML 21Page - NEC UPD6600AGS Datasheet HTML 22Page - NEC UPD6600AGS Datasheet HTML 23Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 36 page
background image
µPD6124A, 6600A
19
18. PROGRAM DEVELOPMENT TOOLS
To develop programs for the
µPD6124A and 6600A, an assembler and an emulator for the µPD612X series are
available from I.C. Corp. For details, contact IC Corp.
IC Corporation
6th Barnet Gotanda Bldg.
1-9-5 Higashi-Gotanda, Shinagawa-ku
Tel. 03-3447-3793
Fax. 03-3440-5606
Caution
To develop the programs for the
µPD6124A and 6600A, use the µPD6124 because the µPD6124A and
6600A are not available as the target devices for assembly and emulation.
The upper limit of ROM addresses is different in the
µPD6124A/6600A and µPD6124. Make sure that
the program does not exceed 512 steps by checking the end address of the assembly listing after
assembling the program.
The mask option of the
µPD6124A/6600A is the same as that of the µPD6124.
19. ORDERING ROM CODE
<1> To generate the data required for ordering a mask ROM, after assembling the program, convert the HEX file
to a ROM file by using the PROM utility program "UPDPROM".
Caution
When using "UPDPROM" select "27256" for PROM TYPE.
<2> Confirm that the instruction ROM code data is stored in addresses 0 through 7D3H (3FFH in
µPD6600A) of
the PROM.
Also confirm that the mask option ROM code data are stored in addresses 7FF0H through 7FF2H.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com