Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD64 Datasheet(PDF) 27 Page - NEC

Part # UPD64
Description  4-BIT SINGLE-CHIP MICROCONTROLLER FOR INFRARED REMOTE CONTROL TRANSMISSION
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD64 Datasheet(HTML) 27 Page - NEC

Back Button UPD64 Datasheet HTML 23Page - NEC UPD64 Datasheet HTML 24Page - NEC UPD64 Datasheet HTML 25Page - NEC UPD64 Datasheet HTML 26Page - NEC UPD64 Datasheet HTML 27Page - NEC UPD64 Datasheet HTML 28Page - NEC UPD64 Datasheet HTML 29Page - NEC UPD64 Datasheet HTML 30Page - NEC UPD64 Datasheet HTML 31Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 68 page
background image
27
µPD63, 63A, 64
7. POC CIRCUIT (MASK OPTION)
The POC circuit monitors the power supply voltage and applies an internal reset in the microcontroller at the
time of battery replacement.
If the applied circuit satisfies the following conditions, the POC circuit can be
incorporated by the mask option.
• High reliability is not required.
• Clock frequency fX =2.4 to 4 MHz
• Power supply voltage VDD = 2.2 to 3.6 V
• Operating ambient temperature TA = –20 to +70 ˚C
Cautions 1. The one-time PROM product (
µPD6P4B) originally contains the POC circuit.
2. There are cases in which the POC circuit cannot detect a low power supply voltage of less
than 1 ms. Therefore, if the power supply voltage has become low for a period of less than
1 ms, the POC circuit may malfunction because it does not generate an internal reset signal.
3. Clock oscillation is stopped by the resonator due to low power supply voltage before the
POC circuit generates the internal reset signal. In this case, malfunction may result, for
example when the power supply voltage is recovered after the oscillation is stopped. This
type of phenomenon takes place because the POC circuit does not generate an internal reset
signal (because the power supply voltage recovers before the low power supply voltage is
detected) even though the clock has stopped. If, by any chance, a malfunction has taken
place, remove the battery for a short time and put it back. In most cases, normal operation
will be resumed.
4. If the applied circuit does not satisfy the conditions above, design the applied circuit in such
a manner that the reset takes effect without failure within the power supply voltage range
by means of an external reset circuit.
5. In order to prevent malfunction, be sure to input a low level to more than one of pins KI0 to
KI3 when reset is released (when RESET pin changes from low level to high level, or POC
is released due to supply voltage startup).
Remarks 1. It is recommended that the POC circuit be incorporated when applied circuits are infrared remote-
control transmitters for household appliances.
2. Even when a POC circuit is incorporated, the externally entered RESET input is valid with the OR
condition; therefore, the POC circuit and the RESET input can be used at the same time. However,
if the POC circuit detects a low power supply voltage, the RESET pin will be forced to low level;
therefore, use an N-ch open drain output or NPN open collector output for the external reset circuit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com