Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD64 Datasheet(PDF) 21 Page - NEC

Part # UPD64
Description  4-BIT SINGLE-CHIP MICROCONTROLLER FOR INFRARED REMOTE CONTROL TRANSMISSION
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD64 Datasheet(HTML) 21 Page - NEC

Back Button UPD64 Datasheet HTML 17Page - NEC UPD64 Datasheet HTML 18Page - NEC UPD64 Datasheet HTML 19Page - NEC UPD64 Datasheet HTML 20Page - NEC UPD64 Datasheet HTML 21Page - NEC UPD64 Datasheet HTML 22Page - NEC UPD64 Datasheet HTML 23Page - NEC UPD64 Datasheet HTML 24Page - NEC UPD64 Datasheet HTML 25Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 68 page
background image
21
µPD63, 63A, 64
4.3 Carrier Output
The carrier for remote-controlled transmission can be output from the REM pin by clearing (to 0) bit 2 of the control
register 0.
As shown in Figure 4-3, in the case where the timer stops when the carrier is at a high level, the carrier continues
to be output until its next fall and then stops due to the function of the carrier synchronous circuit. When the timer
starts operation, however, the high-level width of the first carrier may become shorter than the specified width.
Figure 4-3. Timer Output (when carrier is output)
Timer value: (Set value+1)
× 64/fX (or 128/fX)
LED
REM (at low-level start)
REM (at high-level start)
Note 1
Note 2
Notes 1. Error when the REM output ends: Lead by “the carrier’s low-level width” to lag by “the carrier’s high-
level width”
2. Error of the carrier’s high-level width: 0 to “the carrier’s high-level width”
4.4 Software Control of Timer Output
The timer output can be controlled by software. As shown in Figure 4-4, the pulse with a minimum width of 1-
instruction cycle (64/fX) can be output.
Figure 4-4. Pulse Output of 1-Instruction Cycle Width
MOV T, #0000000000B; low-level output from the REM pin
MOV T, #1000000000B; high-level output from the REM pin
MOV T, #0000000000B; low-level output from the REM pin
64/fX
LED
REM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com