Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD64 Datasheet(PDF) 53 Page - NEC

Part # UPD64
Description  4-BIT SINGLE-CHIP MICROCONTROLLER FOR INFRARED REMOTE CONTROL TRANSMISSION
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD64 Datasheet(HTML) 53 Page - NEC

Back Button UPD64 Datasheet HTML 49Page - NEC UPD64 Datasheet HTML 50Page - NEC UPD64 Datasheet HTML 51Page - NEC UPD64 Datasheet HTML 52Page - NEC UPD64 Datasheet HTML 53Page - NEC UPD64 Datasheet HTML 54Page - NEC UPD64 Datasheet HTML 55Page - NEC UPD64 Datasheet HTML 56Page - NEC UPD64 Datasheet HTML 57Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 68 page
background image
53
µPD63, 63A, 64
12. CHARACTERISTIC CURVE (REFERENCE VALUES)
2
1.8
1.6
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0
1234
3.6
1.8
IDD vs VDD (fX = 4 MHz)
Power supply voltage VDD [V]
IOL vs VOL (REM, LED)
Low-level output voltage VOL [V]
2
1.8
1.6
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0
1234
3.6
2.2
IDD vs VDD (fX = 8 MHz)
Power supply voltage VDD [V]
IOH vs VOH (REM)
High-level output voltage VOH [V]
IOH vs VOH (LED)
High-level output voltage VOH [V]
10
0.6
1.8
2.4
3
1.2
9
8
7
6
5
4
3
2
1
0
–20
VDD – 0.6
VDD – 1.8 VDD – 2.4 VDD – 3
VDD – 1.2
–18
–16
–14
–12
–10
–8
–6
–4
–2
0
VDD
–10
VDD – 0.6
VDD – 1.8 VDD – 2.4 VDD – 3
VDD – 1.2
–9
–8
–7
–6
–5
–4
–3
–2
–1
0
VDD
OPERATING mode
HALT mode
OPERATING mode
HALT mode
(TA = 25 °C)
(TA = 25 °C, VDD = 3.0 V)
(TA = 25 °C , VDD = 3.0 V)
(TA = 25 °C , VDD = 3.0 V)
(TA = 25 °C)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com