Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD64 Datasheet(PDF) 1 Page - NEC

Part # UPD64
Description  4-BIT SINGLE-CHIP MICROCONTROLLER FOR INFRARED REMOTE CONTROL TRANSMISSION
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD64 Datasheet(HTML) 1 Page - NEC

  UPD64 Datasheet HTML 1Page - NEC UPD64 Datasheet HTML 2Page - NEC UPD64 Datasheet HTML 3Page - NEC UPD64 Datasheet HTML 4Page - NEC UPD64 Datasheet HTML 5Page - NEC UPD64 Datasheet HTML 6Page - NEC UPD64 Datasheet HTML 7Page - NEC UPD64 Datasheet HTML 8Page - NEC UPD64 Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 68 page
background image
The mark
shows major revised points.
4-BIT SINGLE-CHIP MICROCONTROLLER
FOR INFRARED REMOTE CONTROL TRANSMISSION
DESCRIPTION
Equipped with low-voltage 1.8 V operation, a carrier generation circuit for infrared remote control transmission,
a standby release function through key entry, and a programmable timer, the
µPD63, 63A, and 64 are suitable for
infrared remote control transmitters.
For the
µPD63, 63A and 64, we have made available the one-time PROM product µPD6P4B for program
evaluation or small-quantity production.
FEATURES
• Program memory (ROM)
·
µPD63 : 512 × 10 bits
·
µPD63A: 768 × 10 bits
·
µPD64 : 1002 × 10 bits
• Data memory (RAM): 32
× 4 bits
• Built-in carrier generation circuit for infrared remote control
• 9-bit programmable timer
: 1 channel
• Command execution time
: 8
µs (when operating at fX = 8 MHz: ceramic oscillation)
• Stack level
: 1 level (Stack RAM is for data memory RF as well.)
• I/O pins (KI/O)
: 8 units
• Input pins (KI)
: 4 units
• Sense input pin (S0)
: 1 unit
•S1/LED pin (I/O)
: 1 unit (When in output mode, this is the remote control transmission display
pin.)
• Power supply voltage
: VDD = 1.8 to 3.6 V (when operating at fX = 4 MHz)
VDD = 2.2 to 3.6 V (when operating at fX = 8 MHz)
• Operating ambient temperature : TA = –40 to +85 ˚C
• Oscillator frequency
: fX = 2.4 to 8 MHz
• POC circuit (Mask option)
APPLICATION
Infrared remote control transmitter (for AV and household electric appliances)
Unless otherwise stated, the
µPD63 is taken as a representative product in this document.
MOS INTEGRATED CIRCUIT
µPD63, 63A, 64
Document No. U11371EJ3V0DS00 (3rd edition)
Date Published November 1998 N CP(K)
Printed in Japan
The information in this document is subject to change without notice.
©
1996
DATA SHEET


Similar Part No. - UPD64

ManufacturerPart #DatasheetDescription
logo
NEC
UPD64084 NEC-UPD64084 Datasheet
419Kb / 66P
THREE-DIMENSIONAL Y/C SEPARATION LSI WITH ON-CHIP MEMORY
UPD64084GC-8EA-A NEC-UPD64084GC-8EA-A Datasheet
419Kb / 66P
THREE-DIMENSIONAL Y/C SEPARATION LSI WITH ON-CHIP MEMORY
UPD64084GC-8EA-Y NEC-UPD64084GC-8EA-Y Datasheet
419Kb / 66P
THREE-DIMENSIONAL Y/C SEPARATION LSI WITH ON-CHIP MEMORY
UPD6450 NEC-UPD6450 Datasheet
1Mb / 31P
12LINE x 24 COLUMN ON-SCREEN CHARACTER DISPLAY CMOS LSI FOR VTR
logo
Renesas Technology Corp
UPD6450 RENESAS-UPD6450 Datasheet
4Mb / 34P
MOS INTEGRATED CIRCUIT
1990
More results

Similar Description - UPD64

ManufacturerPart #DatasheetDescription
logo
NEC
UPD6132 NEC-UPD6132 Datasheet
264Kb / 64P
4-BIT SINGLE-CHIP MICROCONTROLLER FOR INFRARED REMOTE CONTROL TRANSMISSION
UPD6133 NEC-UPD6133 Datasheet
410Kb / 64P
4-BIT SINGLE-CHIP MICROCONTROLLER FOR INFRARED REMOTE CONTROL TRANSMISSION
UPD61P34B NEC-UPD61P34B Datasheet
239Kb / 32P
4-BIT SINGLE-CHIP MICROCONTROLLER FOR INFRARED REMOTE CONTROL TRANSMISSION
UPD62 NEC-UPD62 Datasheet
300Kb / 64P
4-BIT SINGLE-CHIP MICROCONTROLLER FOR INFRARED REMOTE CONTROL TRANSMISSION
UPD62A NEC-UPD62A Datasheet
377Kb / 62P
4-BIT SINGLE-CHIP MICROCONTROLLER FOR INFRARED REMOTE CONTROL TRANSMISSION
UPD64A NEC-UPD64A Datasheet
399Kb / 64P
4-BIT SINGLE-CHIP MICROCONTROLLER FOR INFRARED REMOTE CONTROL TRANSMISSION
UPD66P04B NEC-UPD66P04B Datasheet
164Kb / 32P
4-BIT SINGLE-CHIP MICROCONTROLLER FOR INFRARED REMOTE CONTROL TRANSMISSION
UPD6P4B NEC-UPD6P4B Datasheet
187Kb / 32P
4-BIT SINGLE-CHIP MICROCONTROLLER FOR INFRARED REMOTE CONTROL TRANSMISSION
UPD6P5 NEC-UPD6P5 Datasheet
232Kb / 32P
4-BIT SINGLE-CHIP MICROCONTROLLER FOR INFRARED REMOTE CONTROL TRANSMISSION
logo
Renesas Technology Corp
PD62 RENESAS-PD62_15 Datasheet
419Kb / 66P
4-BIT SINGLE-CHIP MICROCONTROLLER FOR INFRARED REMOTE CONTROL TRANSMISSION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com