Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD64 Datasheet(PDF) 57 Page - NEC

Part # UPD64
Description  4-BIT SINGLE-CHIP MICROCONTROLLER FOR INFRARED REMOTE CONTROL TRANSMISSION
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD64 Datasheet(HTML) 57 Page - NEC

Back Button UPD64 Datasheet HTML 53Page - NEC UPD64 Datasheet HTML 54Page - NEC UPD64 Datasheet HTML 55Page - NEC UPD64 Datasheet HTML 56Page - NEC UPD64 Datasheet HTML 57Page - NEC UPD64 Datasheet HTML 58Page - NEC UPD64 Datasheet HTML 59Page - NEC UPD64 Datasheet HTML 60Page - NEC UPD64 Datasheet HTML 61Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 68 page
background image
57
µPD63, 63A, 64
NS
C
DM
M
P
L
U
T
G
F
E
B
K
J
detail of lead end
S
20
11
110
A
H
I
20 PIN PLASTIC SSOP (300 mil)
NOTE
S20MC-65-5A4-1
ITEM
MILLIMETERS
A
B
C
D
E
F
G
H
I
J
0.65 (T.P.)
1.3
±0.1
1.2
8.1
±0.2
0.475 MAX.
K
L
0.13
0.5
1.0
±0.2
6.1
±0.2
0.17
±0.03
M
0.10
0.24
0.1
±0.05
N
P
3
°
6.65
±0.15
Each lead centerline is located within 0.12 mm of
its true position (T.P.) at maximum material condition.
+0.08
−0.07
+5°
−3°
0.25
T
0.6
±0.15
U
Remark The dimensions and materials of the ES model are the same as those of the mass production model.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com