Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD64 Datasheet(PDF) 18 Page - NEC

Part # UPD64
Description  4-BIT SINGLE-CHIP MICROCONTROLLER FOR INFRARED REMOTE CONTROL TRANSMISSION
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD64 Datasheet(HTML) 18 Page - NEC

Back Button UPD64 Datasheet HTML 14Page - NEC UPD64 Datasheet HTML 15Page - NEC UPD64 Datasheet HTML 16Page - NEC UPD64 Datasheet HTML 17Page - NEC UPD64 Datasheet HTML 18Page - NEC UPD64 Datasheet HTML 19Page - NEC UPD64 Datasheet HTML 20Page - NEC UPD64 Datasheet HTML 21Page - NEC UPD64 Datasheet HTML 22Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 68 page
background image
18
µPD63, 63A, 64
3.4 Control Register 1 (P4)
Control register 1 consists of 8 bits. The contents that can be controlled are as shown below.
When reset, the register becomes 0010 0110B.
Table 3-6. Control Register 1 (P4)
Bit
b7
b6
b5
b4
b3
b2
b1
b0
Name
—
—
KI
S0/S1
—S1/LED
KI/O
S0
Pull-down Pull-down
mode
mode
mode
Set
0
Fixed
Fixed
OFF
OFF
Fixed
S1
IN
OFF
value
1
to “0”
to “0”
ON
ON
to “0”
LED
OUT
IN
When reset
00100110
b0
: Specifies the input mode of the S0 port. “0” = OFF mode (high impedance); “1” = IN (INPUT mode).
b1
: Specifies the I/O mode of the KI/O port.
“0” = IN (INPUT mode); “1” = OUT (OUTPUT mode).
b2
: Specifies the I/O mode of the S1/LED port. “0” = S1 (INPUT mode); “1” = LED (output mode).
b4
: Specifies the availability of the pull-down resistor in S0/S1 port INPUT mode. “0” = OFF (unavailable);
“1” = ON (available)
b5
: Specifies the availability of the pull-down resistor in KI port. “0” = OFF (unavailable);
“1” = ON (available).
Remark In OUTPUT mode or in OFF mode, all the pull-down resistors are automatically disconnected.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com