Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD64 Datasheet(PDF) 47 Page - NEC

Part # UPD64
Description  4-BIT SINGLE-CHIP MICROCONTROLLER FOR INFRARED REMOTE CONTROL TRANSMISSION
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD64 Datasheet(HTML) 47 Page - NEC

Back Button UPD64 Datasheet HTML 43Page - NEC UPD64 Datasheet HTML 44Page - NEC UPD64 Datasheet HTML 45Page - NEC UPD64 Datasheet HTML 46Page - NEC UPD64 Datasheet HTML 47Page - NEC UPD64 Datasheet HTML 48Page - NEC UPD64 Datasheet HTML 49Page - NEC UPD64 Datasheet HTML 50Page - NEC UPD64 Datasheet HTML 51Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 68 page
background image
47
µPD63, 63A, 64
10. ASSEMBLER RESERVED WORDS
10.1 Mask Option Directives
When creating the
µPD63 program, it is necessary to use a mask option directive in the assembler’s source
program to specify a mask option.
10.1.1 OPTION and ENDOP directives
From the OPTION directive on to the ENDOP directive are called the mask option definition block. The format
of the mask option definition block is as follows:
Format
Symbol field
Mnemonic field
Operand field
Comment field
[Label:]
OPTION
[; Comment]
:
:
ENDOP
10.1.2 Mask option definition directive
The directives that can be used in the mask option definition block are listed in Table 10-1.
An example of the mask option definition is shown below.
Example
Symbol field
Mnemonic field
Operand field
Comment field
OPTION
USEPOC
; POC circuit incorporated
ENDOP
Table 10-1. List of Mask Option Definition Directives
Name
Mask Option Definition Directive
PRO File
Address value
Data value
POC
USEPOC
2044H
01
(POC circuit incorporated)
NOUSEPOC
00
(Without POC circuit)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com