Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD64 Datasheet(PDF) 23 Page - NEC

Part # UPD64
Description  4-BIT SINGLE-CHIP MICROCONTROLLER FOR INFRARED REMOTE CONTROL TRANSMISSION
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD64 Datasheet(HTML) 23 Page - NEC

Back Button UPD64 Datasheet HTML 19Page - NEC UPD64 Datasheet HTML 20Page - NEC UPD64 Datasheet HTML 21Page - NEC UPD64 Datasheet HTML 22Page - NEC UPD64 Datasheet HTML 23Page - NEC UPD64 Datasheet HTML 24Page - NEC UPD64 Datasheet HTML 25Page - NEC UPD64 Datasheet HTML 26Page - NEC UPD64 Datasheet HTML 27Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 68 page
background image
23
µPD63, 63A, 64
5.2 Standby Mode Setup and Release
The standby mode is set with the HALT #b3b2b1b0B instruction for both STOP mode and HALT mode. For the
standby mode to be set, the status flag (F) is required to have been cleared (to 0).
The standby mode is released by the release condition specified with the RESET (RESET input; POC) or the
operand of HALT instruction. If the standby mode is released, the status flag (F) is set (to 1).
Even when the HALT instruction is executed in the state that the status flag (F) has been set (to 1), the standby
mode is not set. If the release condition is not met at this time, the status flag is cleared (to 0). If the release condition
is met, the status flag remains set (to 1).
Even in the case when the release condition has been already met at the point that the HALT instruction is
executed, the standby mode is not set. Here, also, the status flag (F) is set (to 1).
Caution Depending on the status of the status flag (F), the HALT instruction may not be executed. Be
careful about this. For example, when setting HALT mode after checking the key status with
the STTS instruction, the system does not enter HALT mode as long as the status flag (F)
remains set (to 1) thus sometimes performing an unintended operation. In this case, the
intended operation can be realized by executing the STTS instruction immediately after timer
setting to clear (to 0) the status flag.
Example
STTS
#03H
;To check the KI pin status.
MOV
T, #0xxH
;To set the timer
STTS
#05H
;To clear the status flag
(During this time, be sure not to execute an instruction that may set the status flag.)
HALT
#05H
;To set HALT mode
Table 5-2. Addresses Executed After Standby Mode Release
Release Condition
Address Executed After Release
Reset
0 address
Release condition shown in Table 5-3
The address following the HALT instruction



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com