Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD64 Datasheet(PDF) 11 Page - NEC

Part # UPD64
Description  4-BIT SINGLE-CHIP MICROCONTROLLER FOR INFRARED REMOTE CONTROL TRANSMISSION
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD64 Datasheet(HTML) 11 Page - NEC

Back Button UPD64 Datasheet HTML 7Page - NEC UPD64 Datasheet HTML 8Page - NEC UPD64 Datasheet HTML 9Page - NEC UPD64 Datasheet HTML 10Page - NEC UPD64 Datasheet HTML 11Page - NEC UPD64 Datasheet HTML 12Page - NEC UPD64 Datasheet HTML 13Page - NEC UPD64 Datasheet HTML 14Page - NEC UPD64 Datasheet HTML 15Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 68 page
background image
11
µPD63, 63A, 64
Figure 2-4. Data Memory Organization
R0
R1
R2
R3
R4
R5
R6
R7
R8
R9
RA
RB
RC
RD
RE
RF
R10
R00
R11
R01
R12
R02
R13
R03
R14
R04
R15
R05
R16
R06
R17
R07
R18
R08
R19
R09
R1A
R0A
R1B
R0B
R1C
R0C
R1D
R0D
R1E
R0E
R1F
R0F
→DP (refer to 2.6 Data Pointer (DP))
→ASR (refer to 2.3 Address Stack Register (ASR (RF)))
R1n (high-order 4 bits) R0n (low-order 4 bits)
2.6 Data Pointer (DP): 10 Bits
The ROM data table can be referenced by setting the ROM address in the data pointer to call the ROM contents.
The low-order 8 bits of the ROM address are specified by R0 of the data memory; and the high-order 2 bits by
bits 4 and 5 of the P3 register (CR0).
When reset, the pointer contents become “000H”.
Figure 2-5. Data Pointer Organization
2.7 Accumulator (A): 4 Bits
The accumulator, which refers to a register consisting of 4 bits, plays a leading role in performing various
operations.
When reset, the accumulator contents are left undefined.
Figure 2-6. Accumulator Organization
A3
A2
A1
A0
A
R00
DP9
DP8
DP7
DP6
DP5
DP4
DP3
DP2
DP1
DP0
R10
P3
R0
b4
b5
P3 Register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com