Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD64 Datasheet(PDF) 41 Page - NEC

Part # UPD64
Description  4-BIT SINGLE-CHIP MICROCONTROLLER FOR INFRARED REMOTE CONTROL TRANSMISSION
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD64 Datasheet(HTML) 41 Page - NEC

Back Button UPD64 Datasheet HTML 37Page - NEC UPD64 Datasheet HTML 38Page - NEC UPD64 Datasheet HTML 39Page - NEC UPD64 Datasheet HTML 40Page - NEC UPD64 Datasheet HTML 41Page - NEC UPD64 Datasheet HTML 42Page - NEC UPD64 Datasheet HTML 43Page - NEC UPD64 Datasheet HTML 44Page - NEC UPD64 Datasheet HTML 45Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 68 page
background image
41
µPD63, 63A, 64
MOV R0n, A
MOV R1n, A
<1> Instruction code
: 0 010 R4 0R3 R2 R1R0
<2> Cycle count
: 1
<3> Function
: (Rmn)
← (A) m = 0, 1 n = 0 to F
The accumulator contents are transferred to register Rmn.
MOV Rn, #data8
<1> Instruction code
: 0 01100 R3 R2 R1R0
: 0d7 d6 d5 d4 0d3 d2 d1 d0
<2> Cycle count
: 1
<3> Function
: (R1n-R0n)
← data8 n = 0 to F
The immediate data is transferred to the register. Using this instruction, registers operate as register
pairs.
The pair combinations are as follows:
R0 : R10 - R00
R1 : R11 - R01
:
RE : R1E - R0E
RF : R1F - R0F
Lower column
Higher column
MOV Rn, @R0
<1> Instruction code
: 0 01110 R3 R2 R1R0
<2> Cycle count
: 1
<3> Function
: (R1n-R0n)
← ((P13), R0)) n = 1 to F
The program memory contents specified with control register P13 and register pair R10-R00 are
transferred to register pair R1n-R0n. The program memory consists of 10 bits and has the following
state after the transfer to the register.
b9
b8
b7
b6
b5
b4
b3
b2
b1
b0
b9
b8
b7
b6
b5
b4
b3
b2
b1
b0
@R0
→
R1n
R0n
Program memory
The high-order 2 bits of the program memory address is specified with the control register (P13).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com