Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD64 Datasheet(PDF) 60 Page - NEC

Part # UPD64
Description  4-BIT SINGLE-CHIP MICROCONTROLLER FOR INFRARED REMOTE CONTROL TRANSMISSION
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD64 Datasheet(HTML) 60 Page - NEC

Back Button UPD64 Datasheet HTML 56Page - NEC UPD64 Datasheet HTML 57Page - NEC UPD64 Datasheet HTML 58Page - NEC UPD64 Datasheet HTML 59Page - NEC UPD64 Datasheet HTML 60Page - NEC UPD64 Datasheet HTML 61Page - NEC UPD64 Datasheet HTML 62Page - NEC UPD64 Datasheet HTML 63Page - NEC UPD64 Datasheet HTML 64Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 68 page
background image
60
µPD63, 63A, 64
Item
µPD63
µPD63A
µPD64
µPD6134
µPD6600A
ROM capacity
512
× 10 bits
768
× 10 bits 1002 × 10 bits
1002
× 10 bits
512
× 10 bits
RAM capacity
32
× 4 bits
32
× 5 bits
Stack
1 level (multiplexed with RF of RAM)
3 levels
(multiplexed with RAM)
Key matrix
8
× 6 = 48 keys
8
× 4 = 32 keys
S0 (S-IN) input
Read by P01 register (with function to release standby mode)
Read by left shift
instruction
S1/LED (S-OUT)
I/O (with function to release standby mode)
Output
Clock frequency
Ceramic oscillation
Ceramic oscillation
• fX = 2.4 to 8 MHz
• fX = 300 kHz to 1 MHz • fX = 400 to 500 kHz
• fX = 2.4 to 4 MHz (with POC circuit)
• fX = 300 to 500 kHz
(with POC circuit)
Timer
Clock
fX/64, fX/128
fX/8, fX/16
fX/8
Count start
Writing count value
Writing count value
and P1 register value
Carrier
Frequency
• fX/8, fX/64, fX/96 (timer clock: fX/64)
• fX, fX/8, fX/12
• fX/8, fX/12
• fX/16, fX/128, fX/192 (timer clock: fX/128)
(timer clock: fX/8)
• No carrier
• fX/2, fX/16, fX/24
(timer clock: fX/16)
• No carrier
Output start
Synchronized with timer
Not synchronized
with timer
Instruction execution time
8
µs (fX = 8 MHz)
8
µs (fX = 1 MHz)
16
µs (fX = 500 kHz)
Relative branch instruction
None
Provided
Left shift instruction
None
Provided
“MOV Rn, @RO” instruction
n = 1 to F
n = 0 to F
Standby mode
HALT mode for timer only.
HALT/STOP mode
(HALT instruction)
STOP mode for only releasing KI
set by P1 register
(KI/O high-level output or KI/O0 high-level output)
value
Relation between HALT
HALT instruction not executed when F = 1
HALT instruction
instruction execution and
executed regardless
status flag (F)
of status of F
Reset function by charging/
None
Provided
discharging capacitor
POC circuit
Mask option
Provided (low-voltage
Low level output to RESET pin on detection
detection circuit)
Low level output to
S-OUT pin on detection
Mask option
POC circuit only
• Pull-down resistor
(Circuits other than POC circuit are set by software.)
• Variable duty
• Hang-up detection
Supply voltage
• VDD = 1.8 to 3.6 V
VDD = 2.2 to 3.6 V
• VDD = 2.2 to 3.6 V (with POC circuit)
Operating temperature
• TA = –40 to +85
°CTA = –20 to +70 °C
• TA = –20 to +70
°C (with POC circuit)
Package
20-pin plastic SOP
• 20-pin plastic 20-pin plastic SOP
• 20-pin plastic SOC
SOP
• 20-pin plastic shrink
• 20-pin plastic
DIP
SSOP
One-time PROM model
µPD6P4B
µPD61P34B
µPD61P24
APPENDIX B. FUNCTIONAL COMPARISON BETWEEN
µPD63 SUBSERIES AND OTHER
SUBSERIES



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com