Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD64 Datasheet(PDF) 22 Page - NEC

Part # UPD64
Description  4-BIT SINGLE-CHIP MICROCONTROLLER FOR INFRARED REMOTE CONTROL TRANSMISSION
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD64 Datasheet(HTML) 22 Page - NEC

Back Button UPD64 Datasheet HTML 18Page - NEC UPD64 Datasheet HTML 19Page - NEC UPD64 Datasheet HTML 20Page - NEC UPD64 Datasheet HTML 21Page - NEC UPD64 Datasheet HTML 22Page - NEC UPD64 Datasheet HTML 23Page - NEC UPD64 Datasheet HTML 24Page - NEC UPD64 Datasheet HTML 25Page - NEC UPD64 Datasheet HTML 26Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 68 page
background image
22
µPD63, 63A, 64
5. STANDBY FUNCTION
5.1 Outline of Standby Function
To save current consumption, two types of standby modes, i.e., HALT mode and STOP mode, are made available.
In STOP mode, the system clock stops oscillation. At this time, the XIN and XOUT pins are fixed at a low level.
In HALT mode, CPU operation halts, while the system clock continues oscillation. When in HALT mode, the
timer (including REM output and LED output) operates.
In either STOP mode or HALT mode, the statuses of the data memory, accumulator, and port register, etc.
immediately before the standby mode is set are retained. Therefore, make sure to set the port status for the system
so that the current consumption of the whole system is suppressed before the standby mode is set.
Table 5-1. Statuses During Standby Mode
STOP Mode
HALT Mode
Setting instruction
HALT instruction
Clock oscillation circuit
Oscillation stopped
Oscillation continued
CPU
• Operation halted
Data memory
• Immediately preceding status retained
Operation
Accumulator
• Immediately preceding status retained
statuses
Flag
F
• 0 (When 1, the flag is not placed in the standby mode.)
CY
• Immediately preceding status retained
Port register
• Immediately preceding status retained
Timer
• Operation halted
• Operable
(The count value is reset to “0”)
Cautions 1. Write the NOP instruction as the first instruction after STOP mode is canceled.
2. When standby mode is canceled, the status flag (F) is set (to 1).
3. If, at the point the standby mode has been set, its cancelation condition is met, then the
system is not placed in the standby mode. However, the status flag (F) is set (1).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com