Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD64 Datasheet(PDF) 59 Page - NEC

Part # UPD64
Description  4-BIT SINGLE-CHIP MICROCONTROLLER FOR INFRARED REMOTE CONTROL TRANSMISSION
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD64 Datasheet(HTML) 59 Page - NEC

Back Button UPD64 Datasheet HTML 55Page - NEC UPD64 Datasheet HTML 56Page - NEC UPD64 Datasheet HTML 57Page - NEC UPD64 Datasheet HTML 58Page - NEC UPD64 Datasheet HTML 59Page - NEC UPD64 Datasheet HTML 60Page - NEC UPD64 Datasheet HTML 61Page - NEC UPD64 Datasheet HTML 62Page - NEC UPD64 Datasheet HTML 63Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 68 page
background image
59
µPD63, 63A, 64
APPENDIX A. DEVELOPMENT TOOLS
An emulator is provided for the
µPD63, 63A, and 64.
Hardware
• Emulator (EB-6133Note)
It is used to emulate the
µPD63, 63A, and 64.
Note This is a product of Naito Densei Machida Mfg. Co., Ltd. For details, consult Naito Densei Machida Mfg.
Co., Ltd. (044-822-3813).
Software
• Assembler (AS6133)
• This is a development tool for remote control transmitter software.
Part Number List of AS6133
Host Machine
OS
Supply Medium
Part Number
PC-9800 series
MS-DOS
™ (Ver. 5.0 to Ver. 6.2)
3.5-inch 2HD
µS5A13AS6133
(CPU: 80386 or more)
IBM PC/AT
™ compatible
MS-DOS (Ver. 6.0 to Ver. 6.22)
3.5-inch 2HC
µS7B13AS6133
PC DOS
™ (Ver. 6.1 to Ver. 6.3)
Caution Although Ver.5.0 or later has a task swap function, this function cannot be used with this
software.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com