Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD64 Datasheet(PDF) 33 Page - NEC

Part # UPD64
Description  4-BIT SINGLE-CHIP MICROCONTROLLER FOR INFRARED REMOTE CONTROL TRANSMISSION
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD64 Datasheet(HTML) 33 Page - NEC

Back Button UPD64 Datasheet HTML 29Page - NEC UPD64 Datasheet HTML 30Page - NEC UPD64 Datasheet HTML 31Page - NEC UPD64 Datasheet HTML 32Page - NEC UPD64 Datasheet HTML 33Page - NEC UPD64 Datasheet HTML 34Page - NEC UPD64 Datasheet HTML 35Page - NEC UPD64 Datasheet HTML 36Page - NEC UPD64 Datasheet HTML 37Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 68 page
background image
33
µPD63, 63A, 64
Input/output Instructions
Mnemonic
Operand
Instruction Code
Operation
Instruction
Instruction
1st Word
2nd Word
3rd Word
Length
Cycle
IN
A, P0n
FFF8 + n
—
—
(A)
← (Pmn) m = 0, 1 n = 0, 1, 3, 4
1
1
A, P1n
FEF8 + n
—
—
CY
← 0
OUT
P0n, A
E5F8 + n
—
—
(Pmn)
← (A) m = 0, 1 n = 0, 1, 3, 4
P1n, A
E4F8 + n
—
—
ANL
A, P0n
FBF8 + n
—
—
(A)
← (A) (Pmn) m = 0, 1 n = 0, 1, 3, 4
A, P1n
FAF8 + n
—
—
CY
← A3 • Pmn3
ORL
A, P0n
FDF8 + n
—
—
(A)
← (A) ∨ (Pmn) m = 0, 1 n = 0, 1, 3, 4
A, P1n
FCF8 + n
—
—
CY
← 0
XRL
A, P0n
F5F8 + n
—
—
(A)
← (A) ∨ (Pmn) m = 0, 1 n = 0, 1, 3, 4
A, P1n
F4F8 + n
—
—
CY
← A3 • Pmn3
Mnemonic
Operand
Instruction Code
Operation
Instruction
Instruction
1st Word
2nd Word
3rd Word
Length
Cycle
OUT
Pn, #data8 E6F8 + n
data8
(Pn)
← data8
n = 0, 1, 3, 4
2
1
Remark
Pn: P1n-P0n are dealt with in pairs.
Data Transfer Instruction
Mnemonic
Operand
Instruction Code
Operation
Instruction
Instruction
1st Word
2nd Word
3rd Word
Length
Cycle
MOV
A, R0n
FFEn
(A)
← (Rmn)
m = 0, 1
n = 0-F
1
1
A, R1n
FEEn
CY
← 0
A, @R0H
FEF0
(A)
← ((P13), (R0))7-4
CY
← 0
A, @R0L
FFF0
(A)
← ((P13), (R0))7-4
CY
← 0
A, #data4
FFF1
data4
(A)
← data4
2
CY
← 0
R0n, A
E5En
(Rmn)
← (A)
m = 0, 1
n = 0-F
1
R1n, A
E4En
Mnemonic
Operand
Instruction Code
Operation
Instruction
Instruction
1st Word
2nd Word
3rd Word
Length
Cycle
MOV
Rn, #data8
E6En
data8
—
(R1n-R0n)
← data8
n = 0-F
2
1
Rn, @R0
E7En
—
—
(R1n-R0n)
← ((P13), (R0))
n = 1-F
1
Remark
Rn: R1n-R0n are dealt with in pairs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com