Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD64 Datasheet(PDF) 6 Page - NEC

Part # UPD64
Description  4-BIT SINGLE-CHIP MICROCONTROLLER FOR INFRARED REMOTE CONTROL TRANSMISSION
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD64 Datasheet(HTML) 6 Page - NEC

Back Button UPD64 Datasheet HTML 2Page - NEC UPD64 Datasheet HTML 3Page - NEC UPD64 Datasheet HTML 4Page - NEC UPD64 Datasheet HTML 5Page - NEC UPD64 Datasheet HTML 6Page - NEC UPD64 Datasheet HTML 7Page - NEC UPD64 Datasheet HTML 8Page - NEC UPD64 Datasheet HTML 9Page - NEC UPD64 Datasheet HTML 10Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 68 page
background image
6
µPD63, 63A, 64
1. PIN FUNCTIONS
1.1 List of Pin Functions
Pin No.
Symbol
Function
Output Format
When Reset
1KI/O0-KI/O7
CMOS
High-level output
2
push-pullNote 1
15-20
3S0
—
High-impedance
(OFF mode)
4S1/LED
CMOS push-pull
High-level output
(LED)
5
REM
CMOS push-pull
Low-level output
6VDD
——
7XOUT
—
Low level
8XIN
(oscillation stopped)
9
GND
——
10
RESET
——
11-14
KI0-KI3Note 2
—
Input (low-level)
Notes 1. Be careful about this because the drive capability of the low-level output side is held low.
2. In order to prevent malfunction, be sure to input a low level to more than one of pins KI0 to KI3 when
reset is released (when RESET pin changes from low level to high level, or POC is released due to
supply voltage startup).
These pins refer to the 8-bit I/O ports. I/O switching can
be made in 8-bit units.
In INPUT mode, a pull-down resistor is added.
In OUTPUT mode, they can be used as the key scan
output of the key matrix.
Refers to the input port.
Can also be used as the key return input of the key
matrix.
In INPUT mode, the availability of the pull-down resistor
of the S0 and S1 ports can be specified by software in
terms in 2-bit units.
If INPUT mode is canceled by software, this pin is placed
in OFF mode and enters the high-impedance state.
Refers to the I/O port.
In INPUT mode (S1), this pin can also be used as the key
return input of the key matrix.
The availability of the pull-down resistor of the S0 and S1
ports can be specified by software in 2-bit units.
In OUTPUT mode (LED), it becomes the remote control
transmission display output (active low).
When the
remote control carrier is output from the REM output, this
pin outputs the low level from the LED output synchronously
with the REM signal.
Refers to the infrared remote control transmission output.
The output is active high.
Carrier frequency: fX/8, fX/64, fX/96, high-level, fX/16,
fX/128, fX/192 (usable on software)
Refers to the power supply.
These pins are connected to system clock ceramic
resonators.
Refers to the ground.
Normally, this pin is a system reset input. By inputting
a low level, the CPU can be reset. When resetting with
the POC circuit (mask option) a low level is output. A
pull-up resistor is incorporated.
These pins refer to the 4-bit input ports.
They can be used as the key return input of the key
matrix.
The use of the pull-down resistor can be specified by
software in 4-bit units.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com