Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD64 Datasheet(PDF) 20 Page - NEC

Part # UPD64
Description  4-BIT SINGLE-CHIP MICROCONTROLLER FOR INFRARED REMOTE CONTROL TRANSMISSION
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD64 Datasheet(HTML) 20 Page - NEC

Back Button UPD64 Datasheet HTML 16Page - NEC UPD64 Datasheet HTML 17Page - NEC UPD64 Datasheet HTML 18Page - NEC UPD64 Datasheet HTML 19Page - NEC UPD64 Datasheet HTML 20Page - NEC UPD64 Datasheet HTML 21Page - NEC UPD64 Datasheet HTML 22Page - NEC UPD64 Datasheet HTML 23Page - NEC UPD64 Datasheet HTML 24Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 68 page
background image
20
µPD63, 63A, 64
4.2 Timer Operation
The timer starts (counting down) when a value other than 0 is set for the down counter with a timer operation
instruction. The timer operation instructions for making the timer start operation are shown below:
MOV T0, A
MOV T1, A
MOV T, #data10
MOV T, @R0
The down counter is decremented (–1) in the cycle of 64/fX or 128/fXNote. If the value of the down counter becomes
0, the zero detecting circuit generates the timer operation end signal to stop the timer operation. At this time, if
the timer is in HALT mode (HALT #
×101B) waiting for the timer to stop its operation, the HALT mode is canceled
and the instruction following the HALT instruction is executed. The output of the timer operation end signal is
continued while the down counter is 0 and the timer is stopped. There is the following relational expression between
the timer’s time and the down counter’s set value.
Timer time = (Set value + 1)
× 64/fX (or 128/fXNote)
Note This becomes 128/fX if bit 3 of the control register is set (to 1).
By setting 1 for the flag (t9) which enables the timer output, the timer can output its operation status from the
S1/LED pin and the REM pin. The REM pin can also output the carrier while the timer is in operation.
Table 4-1. Timer Output (at t9 = 1)
S1/LED Pin
REM Pin
Timer operating
L
H (or carrier outputNote)
Timer halting
H
L
Note The carrier output results if bit 2 of the control register 0 is cleared (to 0).
Figure 4-2. Timer Output (when carrier is not output)
Timer value: (set value + 1)
× 64/fX (or 128/fX)
LED
REM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com