Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM0056 Datasheet(PDF) 104 Page - STMicroelectronics

Part # PM0056
Description  This programming manual provides information
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM0056 Datasheet(HTML) 104 Page - STMicroelectronics

Back Button PM0056 Datasheet HTML 100Page - STMicroelectronics PM0056 Datasheet HTML 101Page - STMicroelectronics PM0056 Datasheet HTML 102Page - STMicroelectronics PM0056 Datasheet HTML 103Page - STMicroelectronics PM0056 Datasheet HTML 104Page - STMicroelectronics PM0056 Datasheet HTML 105Page - STMicroelectronics PM0056 Datasheet HTML 106Page - STMicroelectronics PM0056 Datasheet HTML 107Page - STMicroelectronics PM0056 Datasheet HTML 108Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 104 / 156 page
background image
The Cortex-M3 instruction set
PM0056
104/156
DocID15491 Rev 5
If the event register is 0, WFE suspends execution until one of the following events occurs:
•
An exception, unless masked by the exception mask registers or the current priority
level
•
An exception enters the Pending state, if SEVONPEND in the System Control Register
is set
•
A Debug Entry request, if Debug is enabled
•
An event signaled by a peripheral or another processor in a multiprocessor system
using the SEV instruction.
If the event register is 1, WFE clears it to 0 and returns immediately.
For more information see Power management on page 42.
Condition flags
This instruction does not change the flags.
Examples
WFE
; Wait for event
3.9.12
WFI
Wait for Interrupt.
Syntax
WFI{cond}
where:
•
‘cond’ is an optional condition code, see Conditional execution on page 57.
Operation
WFI is a hint instruction that suspends execution until one of the following events occurs:
•
An exception
•
A Debug Entry request, regardless of whether Debug is enabled.
Condition flags
This instruction does not change the flags.
Examples
WFI ; Wait for interrupt



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com