Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM0056 Datasheet(PDF) 107 Page - STMicroelectronics

Part # PM0056
Description  This programming manual provides information
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM0056 Datasheet(HTML) 107 Page - STMicroelectronics

Back Button PM0056 Datasheet HTML 103Page - STMicroelectronics PM0056 Datasheet HTML 104Page - STMicroelectronics PM0056 Datasheet HTML 105Page - STMicroelectronics PM0056 Datasheet HTML 106Page - STMicroelectronics PM0056 Datasheet HTML 107Page - STMicroelectronics PM0056 Datasheet HTML 108Page - STMicroelectronics PM0056 Datasheet HTML 109Page - STMicroelectronics PM0056 Datasheet HTML 110Page - STMicroelectronics PM0056 Datasheet HTML 111Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 107 / 156 page
background image
DocID15491 Rev 5
107/156
PM0056
Core peripherals
Table 36 shows the cache policy for memory attribute encodings with a TEX value is in the
range 4-7.
Table 37 shows the AP encodings that define the access permissions for privileged and
unprivileged software.
Table 35. TEX, C, B, and S encoding
TEX
C
B
S
Memory type
Shareability
Other attributes
b000
0
0x (1) Strongly-ordered
Shareable
-
1
x(1) Device
Shareable
-
1
0
0
Normal
Not shareable Outer and inner write-through. No
write allocate.
1
Shareable
1
0
Normal
Not shareable Outer and inner write-back. No write
allocate.
1
Shareable
b001
0
00
Normal
Not shareable
Outer and inner Non-cacheable.
1
Shareable
1
x(1) Reserved encoding
-
1
0
x(1)
Implementation defined
attributes.
-
1
0
Normal
Not shareable Outer and inner write-back. Write
and read allocate.
1
Shareable
b010
0
0
x(1) Device
Not shareable Non-shared Device.
1
x(1) Reserved encoding
-
1x(1)
x(1) Reserved encoding
-
b1BB
A
A
0
Normal
Not shareable Cached memory(2), BB = outer
policy, AA = inner policy.
1
Shareable
1. THe MPU ignores the value for this bit.
2. See Table 36 for the encoding of the AA and BB bits.
Table 36. Cache policy for memory attribute encoding
Encoding, AA or BB
Corresponding cache policy
00
Non-cacheable
01
Write back, write and read allocate
10
Write through, no write allocate
11
Write back, no write allocate



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com