Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM0056 Datasheet(PDF) 111 Page - STMicroelectronics

Part # PM0056
Description  This programming manual provides information
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM0056 Datasheet(HTML) 111 Page - STMicroelectronics

Back Button PM0056 Datasheet HTML 107Page - STMicroelectronics PM0056 Datasheet HTML 108Page - STMicroelectronics PM0056 Datasheet HTML 109Page - STMicroelectronics PM0056 Datasheet HTML 110Page - STMicroelectronics PM0056 Datasheet HTML 111Page - STMicroelectronics PM0056 Datasheet HTML 112Page - STMicroelectronics PM0056 Datasheet HTML 113Page - STMicroelectronics PM0056 Datasheet HTML 114Page - STMicroelectronics PM0056 Datasheet HTML 115Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 111 / 156 page
background image
DocID15491 Rev 5
111/156
PM0056
Core peripherals
In STM32 implementations, the shareability and cache policy attributes do not affect the
system behavior. However, using these settings for the MPU regions can make the
application code more portable. The values given are for typical situations.
Note:
The MPU attributes don't affect DMA data accesses to the memory/peripherals address
spaces. therefore, in order to protect the memory areas against inadvertent DMA accesses,
the MPU must control the SW/CPU access to the DMA registers.
4.2.5
MPU type register (MPU_TYPER)
Address offset: 0x00
Reset value: 0x0000 0800
Required privilege: Privileged
The MPU_TYPER register indicates whether the MPU is present, and if so, how many
regions it supports.
Table 38. Memory region attributes for STM32
Memory region
TEX
C
B
S
Memory type and attributes
Flash memory
b000
1
0
0
Normal memory, Non-shareable,
write-through
Internal SRAM
b000
1
0
1
Normal memory, Shareable, write-
through
External SRAM
b000
1
1
1
Normal memory, Shareable, write-
back, write-allocate
Peripherals
b000
0
1
1
Device memory, Shareable
31
3029
28
27
26
25
24
23
22
21
20
19
18
17
16
Reserved
IREGION[7:0]
rr
rrrr
r
r
15
14
13
12
11
10
9
8
76
54
3
21
0
DREGION[7:0]
Reserved
SEPA
RATE
r
rrrr
r
r
r
Bits 31:24
Reserved, forced by hardware to 0.
Bits 23:16
IREGION[7:0]: Number of MPU instruction regions.
These bits indicates the number of supported MPU instruction regions.
Always contains 0x00. The MPU memory map is unified and is described by the DREGION
field.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com